Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7514 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 2 Page - STMicroelectronics

  TS7514 Datasheet HTML 1Page - STMicroelectronics TS7514 Datasheet HTML 2Page - STMicroelectronics TS7514 Datasheet HTML 3Page - STMicroelectronics TS7514 Datasheet HTML 4Page - STMicroelectronics TS7514 Datasheet HTML 5Page - STMicroelectronics TS7514 Datasheet HTML 6Page - STMicroelectronics TS7514 Datasheet HTML 7Page - STMicroelectronics TS7514 Datasheet HTML 8Page - STMicroelectronics TS7514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PIN DESCRIPTION
Name
Pin Number
Description
DIP24
PLCC28
MOD/DMTF
1
1
MODEM or DMTF Operating Mode Selection.
Also controls write operations to control registers (if MOD/DMTF = 0 and
MC/BC = 0).
MC/BC
2
3
Digital Control Input.
In MODEM mode, it sets transmission mode to main or back channel. It also
permits selection of dialing or control registers programming.
RTS
3
4
Request to Send.
When RTS = 0, the circuit sends an analog signal to the ATO output. The signal
depends on the operating mode selected.
When RTS = 1, the signal sent to ATO is suppressed after its first zero crossing.
When MOD/DMTF = 0 and MC/BC = 0, the RTS pin acts as a clock for serial
data loading into the input register.
ENP
4
5
Serial Register Write Select Input. When ENP = 0, the serial register input is
connected to TxD. When ENP = 1, the register input is connected to PRD.
DGND
5
6
Digital Ground = 0V. All digital signals are referenced to this pin.
TxD
6
7
Digital Input for Transmit or Control Data
PRD
7
8
Digital Input for Control Data. Selected through ENP
XtaIIN
8
10
Crystal Oscillator Input. Can be tied to an external clock generator.
fQUARTZ = 3.579MHz.
XtaIOUT
9
11
Crystal Oscillator Output
DCD
10
13
Data Carrier Detect Output
RxD
11
14
Digital Receive Data Output
ZCO
12
15
Zero Crossing Rx Digital Output (ringing detection)
RDI
13
16
Analog Output for the Receive Signal after Filtering or Analog Input for the
Amplifier-limiter.
RFO
14
17
Analog Receive Filter Output
RAO2
15
18
A2 Amplifier Output
RAI2
16
20
A2 Amplifier Inverting Input
RAI1
17
21
A1 Amplifier Inverting Input
RAO1
18
22
A1 Amplifier Output
V-
19
23
Negative Supply Voltage : – 5V
±5%
AGND
20
24
Analog Ground = 0 V. Reference Pin for Analog Signals
V+
21
25
Positive Supply Voltage : + 5V
±5%
ATO
22
26
Analog Transmit Output
WLO
23
27
Analog Output for Line Monitoring and Buzzer
ATxI
24
28
Direct Analog Input Transmit Filter
TS7514
2/19


Similar Part No. - TS7514

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS751 ETC1-TS751 Datasheet
171Kb / 2P
   6A Silicon Rectifiers
logo
Taiwan Semiconductor Co...
TS751 TSC-TS751 Datasheet
66Kb / 2P
   6.0 AMPS. Silicon Rectifiers
logo
STMicroelectronics
TS7515 STMICROELECTRONICS-TS7515 Datasheet
932Kb / 14P
   SINGLE CHIP DPSK AND FSK MODEM
TS7515CP STMICROELECTRONICS-TS7515CP Datasheet
932Kb / 14P
   SINGLE CHIP DPSK AND FSK MODEM
TS7515IP STMICROELECTRONICS-TS7515IP Datasheet
932Kb / 14P
   SINGLE CHIP DPSK AND FSK MODEM
More results

Similar Description - TS7514

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
OKI electronic componet...
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
   1200 bps Half Duplex FSK Modem - ITU-T V.23
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
   DTMF GENERATOR WITH MICROPROCESSOR
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com