Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX394MJP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX394MJP
Description  Low-Voltage, Quad, SPDT, CMOS Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX394MJP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX394MJP Datasheet HTML 3Page - Maxim Integrated Products MAX394MJP Datasheet HTML 4Page - Maxim Integrated Products MAX394MJP Datasheet HTML 5Page - Maxim Integrated Products MAX394MJP Datasheet HTML 6Page - Maxim Integrated Products MAX394MJP Datasheet HTML 7Page - Maxim Integrated Products MAX394MJP Datasheet HTML 8Page - Maxim Integrated Products MAX394MJP Datasheet HTML 9Page - Maxim Integrated Products MAX394MJP Datasheet HTML 10Page - Maxim Integrated Products MAX394MJP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Low-Voltage, Quad, SPDT,
CMOS Analog Switch
_______________________________________________________________________________________
7
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
35
0
-8
-6
-4
-2
0
2
4
6
8
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
5
10
30
VCOM (V)
25
20
15
V+ = 3V, V- = -3V
V+ = 5V, V- = -5V
V+ = 8V, V- = -8V
100
10
01
2
3
4
5
6
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
20
30
70
90
80
VCOM (V)
60
50
40
V+ = 3V, V- = 0V
V+ = 5V, V- = 0V
0
10
-5
-4
-3
-2
-1
0
2
13
4
5
ON-RESISTANCE vs. VCOM
OVER TEMPERATURE (DUAL SUPPLIES)
20
30
VCOM (V)
50
40
+125
°C
+25
°C
+85
°C
V+ = +5V
V- = -5V
0
10
0
1
2
345
6
ON-RESISTANCE vs. VCOM
OVER TEMPERATURE (SINGLE SUPPLY)
20
30
VCOM (V)
50
40
+85
°C
+125
°C
+25
°C
V+ = 5V
V- = 0V
0.0001
0.01
0.001
-75
-50
-25
0
25
50
75
100 125
OFF-LEAKAGE CURRENT
vs. TEMPERATURE
0.1
10
1
TEMPERATURE (
°C)
1000
100
ICOM(OFF)
INC(OFF) or INO(OFF)
V+ = 5.5V
V- = -5.5V
VNC or VNO =
±4.5V
0.0001
0.01
0.001
-75
-50
-25
0
25
50
75
100 125
ON-LEAKAGE CURRENT
vs. TEMPERATURE
0.1
10
1
TEMPERATURE (
°C)
1000
100
ICOM(ON)
INC (OFF) or INO(ON)
V+ = 5.5V
V- = -5.5V
VCOM =
±4.5V


Similar Part No. - MAX394MJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394MJP MAXIM-MAX394MJP Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394MJP MAXIM-MAX394MJP Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results

Similar Description - MAX394MJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
   High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Rev. B, 07-Feb-11
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
logo
Maxim Integrated Produc...
MAX4735 MAXIM-MAX4735 Datasheet
285Kb / 13P
   Low-Voltage, 0.31OHM, Quad-SPDT Analog Switch
19-3581; Rev 0; 1/05
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Vishay Siliconix
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com