Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX667 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX667
Description  5V/Programmable Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX667 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX667_08 Datasheet HTML 1Page - Maxim Integrated Products MAX667_08 Datasheet HTML 2Page - Maxim Integrated Products MAX667_08 Datasheet HTML 3Page - Maxim Integrated Products MAX667_08 Datasheet HTML 4Page - Maxim Integrated Products MAX667_08 Datasheet HTML 5Page - Maxim Integrated Products MAX667_08 Datasheet HTML 6Page - Maxim Integrated Products MAX667_08 Datasheet HTML 7Page - Maxim Integrated Products MAX667_08 Datasheet HTML 8Page - Maxim Integrated Products MAX667_08 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
_______________General Description
The MAX667 low-dropout, positive, linear voltage regu-
lator supplies up to 250mA of output current. With no
load, it has a typical quiescent current of 20µA. At
200mA of output current, the input/output voltage differ-
ential is typically 150mV. Other features include a low-
voltage detector to indicate power failure, as well as
early-warning and low-dropout detectors to indicate an
imminent loss of output voltage regulation. A shutdown
control disables the output and puts the circuit into a
low quiescent-current mode.
The MAX667 employs Dual Mode™ operation. One
mode uses internally trimmed feedback resistors to pro-
duce +5V. In the other mode, the output may be varied
from +1.3V to +16V by connecting two external resistors.
The MAX667 is a pin-compatible upgrade to the
MAX666 in most applications where the input voltages
are above +3.5V. Choose the MAX667 when high out-
put currents and/or low dropout voltages are desired,
as well as for improved performance at higher
temperatures.
________________________Applications
Battery-Powered Devices
Pagers and Radio Control Receivers
Portable Instruments
Solar-Powered Instruments
____________________________Features
♦ 350mV Max Dropout at 200mA
♦ 250mA Output Current
♦ Normal Mode: 20µA Typ Quiescent Current
Shutdown Mode: 0.2µA Typ Quiescent Current
♦ Low-Battery Detector
♦ Fixed +5V (Min Component Count) or
Adjustable Output
♦ +3.5V to +16.5V Input
♦ Dropout Detector Output
♦ 10µF Output Capacitor
+5V/Programmable Low-Dropout
Voltage Regulator
________________________________________________________________ Maxim Integrated Products
1
__________________Pin Configuration
__________Typical Operating Circuit
19-3894; Rev 4; 9/08
1
2
3
4
8
7
6
5
IN
LBO
SET
SHDN
GND
LBI
OUT
DD
MAX667
DIP/SO
TOP VIEW
MAX667
GND
SHDN
SET
OUT
+5V OUT
IN
C1
10
μF
+6.3V
BATTERY
PART
TEMP RANGE
PIN-PACKAGE
MAX667CPA
0°C to +70°C
8 Plastic DIP
MAX667CSA
0°C to +70°C
8 SO
MAX667C/D
0°C to +70°C
Dice*
MAX667EPA
-40°C to +85°C
8 Plastic DIP
MAX667ESA
-40°C to +85°C
8 SO
MAX667MJA
-55°C to +125°C
8 CERDIP**
*Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883.
†Contact factory for availability.
TM Dual Mode is a trademark of Maxim Integrated Products.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX667MSA/PR
-55°C to +125°C
8 SO†
MAX667MSA/PR-T
-55°C to +125°C
8 SO†
Ordering Information


Similar Part No. - MAX667_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6670 MAXIM-MAX6670 Datasheet
217Kb / 8P
   Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
MAX6670 MAXIM-MAX6670 Datasheet
222Kb / 8P
   12V, 250mA Integrated Fan Driver
Rev 2; 11/02
MAX6670AUB40 MAXIM-MAX6670AUB40 Datasheet
217Kb / 8P
   Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
MAX6670AUB45 MAXIM-MAX6670AUB45 Datasheet
217Kb / 8P
   Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
MAX6670AUB50 MAXIM-MAX6670AUB50 Datasheet
217Kb / 8P
   Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
More results

Similar Description - MAX667_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
logo
AiT Semiconductor Inc.
A6318A AITSEMI-A6318A Datasheet
787Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT PROGRAMMABLE OUTPUT
REV1.3
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Exar Corporation
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
logo
ON Semiconductor
L88M05T ONSEMI-L88M05T Datasheet
489Kb / 8P
   17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com