Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1165AEUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1165AEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165AEUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1165AEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
_______________________________________________________________________________________
5
INL vs. OUTPUT CODE
OUTPUT CODE
49152
16384
32768
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0
65536
DNL vs. OUTPUT CODE
OUTPUT CODE
49152
16384
32768
0
66536
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
IAVDD + IDVDD SUPPLY CURRENT
vs. SAMPLE RATE
SAMPLE RATE (ksps)
100
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
1000
IAVDD + IDVDD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
40
20
0
-20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
-40
80
SAMPLE RATE = 165ksps
IAVDD + IDVDD SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
40
20
0
-20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
80
INTERNAL REFERENCE
vs. TEMPERATURE
TEMPERATURE (°C)
60
40
-20
0
20
4.066
4.076
4.086
4.096
4.106
4.116
4.126
4.136
4.056
-40
80
Typical Operating Characteristics
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = +25°C, unless otherwise noted.)
Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after offset and gain errors have
been removed.
Note 2: Offset nulled.
Note 3: Guaranteed by design, not production tested.
Note 4: Shutdown supply currents are typically 0.5µA, maximum specification is limited by automated test equipment.
Note 5: Defined as the change in positive full scale caused by a ±5% variation in the nominal supply.
Note 6: To ensure best performance, finish reading the data and wait tBR before starting a new acquisition.
TIMING CHARACTERISTICS (Figures 1 and 2) (continued)
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, CLOAD = 20pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA= +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDVDD = 4.75V to 5.25V
40
CS Rise to EOC Rise
tEOC
VDVDD = 2.7V to 5.25V
80
ns
VDVDD = 4.75V to 5.25V
40
Bus Relinquish Time (Note 6)
tBR
VDVDD = 2.7V to 5.25V
80
ns


Similar Part No. - MAX1165AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165AEUI MAXIM-MAX1165AEUI Datasheet
278Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
More results

Similar Description - MAX1165AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165-MAX1166 MAXIM-MAX1165-MAX1166 Datasheet
278Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
MAX1065 MAXIM-MAX1065 Datasheet
321Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 0; 4/02
MAX1065 MAXIM-MAX1065_09 Datasheet
371Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com