Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1165BEUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1165BEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165BEUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1165BEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Three-State Output Capacitance
COZ
15
pF
POWER REQUIREMENTS
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.7
AVDD
V
165ksps
3.2
3.6
100ksps
2.6
10ksps
1.9
Internal reference
1ksps
1.8
165ksps
2.4
2.8
100ksps
1.8
10ksps
0.8
Analog Supply Current
IAVDD
External reference
1ksps
0.08
mA
165ksps
0.5
0.7
100ksps
0.3
10ksps
0.03
Digital Supply Current
IDVDD
D0–D15 = all zeros
1ksps
0.003
mA
IAVDD
0.5
5
Full power-down
IDVDD
0.5
6
µA
IAVDD
1.0
1.2
mA
Shutdown Supply Current
ISHDN
REF and REF buffer enabled
(standby mode)
IDVDD
(Note 4)
0.5
5
µA
Power-Supply Rejection Ratio
PSRR
AVDD = +5V ±5%, full-scale input (Note 5)
68
dB
TIMING CHARACTERISTICS (Figures 1 and 2)
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, CLOAD = 20pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA= +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.1
Conversion Time
tCONV
4.7
µs
CS Pulse Width High
tCSH
(Note 6)
40
ns
VDVDD = 4.75V to 5.25V
40
CS Pulse Width Low (Note 6)
tCSL
VDVDD = 2.7V to 5.25V
60
ns
R/C to CS Fall Setup Time
tDS
0ns
VDVDD = 4.75V to 5.25V
40
R/C to CS Fall Hold Time
tDH
VDVDD = 2.7V to 5.25V
60
ns
VDVDD = 4.75V to 5.25V
40
CS to Output Data Valid
tDO
VDVDD = 2.7V to 5.25V
80
ns
VDVDD = 4.75V to 5.25V
40
HBEN Transition to Output Data
Valid (MAX1166 Only)
tDO1
VDVDD = 2.7V to 5.25V
80
ns
EOC Fall to CS Fall
tDV
0ns


Similar Part No. - MAX1165BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165BEUI MAXIM-MAX1165BEUI Datasheet
278Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
More results

Similar Description - MAX1165BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165-MAX1166 MAXIM-MAX1165-MAX1166 Datasheet
278Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
MAX1065 MAXIM-MAX1065 Datasheet
321Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 0; 4/02
MAX1065 MAXIM-MAX1065_09 Datasheet
371Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com