Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1329BETL+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1329BETL+
Description  12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1329BETL+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1329BETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 9Page - Maxim Integrated Products MAX1329BETL+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs,
Reference, Voltage Monitors, and Temp Sensor
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = 1.8V to 3.6V, AVDD = 2.7V to 5.5V, VREFDAC = VREFADC = 2.5V, external reference; 10µF capacitor at REFADC and REFDAC;
0.01µF capacitor at REFADJ; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Resolution
VREFADC = 2.5V
1/8
°C/LSB
External-Diode Drive Ratio
IDRIVEMIN = 4µA, IDRIVEMAX = 68µA
17:1
Temperature-Sensor Supply
Current
Not including ADC current (Note 3)
100
µA
Temperature-Sensor Conversion
Time
307 clocks per measurement, master clock
= 5.00MHz
65
µs
CHARGE PUMP
Input Voltage
DVDD
1.8
3.6
V
DVDD = 1.8V to 3.0V, VM2CP<2:0> = 001
2.85
3.0
3.20
DVDD = 2.2V to 3.6V, VM2CP<2:0> = 010
3.75
4.0
4.30
No-Load Output Voltage
AVDD
DVDD = 2.7V to 3.6V, VM2CP<2:0> = 011
4.80
5.0
5.40
V
Output Current
Including internal current (Table 32)
25
mA
No-Load Supply Current
DVDD = 2.7V, AVDD = 4V, 39kHz clock
250
µA
Switching Frequency
39
78
kHz
Switch Turn-On/-Off Time
Between DVDD to AVDD, charge pump off
40
ns
Switch Impedance
Shorts DVDD to AVDD, charge pump off
25
50
Efficiency
25mA load, DVDD = 1.8V, AVDD = 3.0V,
39kHz clock
80
%
DVDD VOLTAGE MONITOR (VM1)
Supply Voltage Range
1.0
3.6
V
VM1<1:0> = 0x,
RST1 input
1.80
1.865
1.93
Trip Threshold (DVDD Falling)
VDTH
VM1<1:0> = x0,
RST2 input
2.65
2.750
2.90
V
VM1<1:0> = 0x,
RST1 input
15
Hysteresis
VDHYS
VM1<1:0> = x0,
RST2 input
22.5
mV
Reset Timeout Period
VDVDD = VDTH + VDHYS
170
ms
Turn-On Time
DVDD = 1.8V, enabled by VM1 <1:0>
2
ms
AVDD VOLTAGE MONITOR (VM2)
Supply Voltage Range
1.0
5.5
V
VM2CP<1:0> = 01
2.53
2.775
2.975
VM2CP<1:0> = 10
3.4
3.700
3.925
Trip Threshold (AVDD Falling)
(Note 6)
VATH
VM2CP<1:0> = 11
4.25
4.625
4.925
V
VM2CP<1:0> = 01
22.5
VM2CP<1:0> = 10
30
Hysteresis
VAHYS
VM2CP<1:0> = 11
37.5
mV


Similar Part No. - MAX1329BETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX132 MAXIM-MAX132 Datasheet
129Kb / 16P
   짹18-Bit ADC with Serial Interface
19-0009; Rev 2; 8/95
MAX1320 MAXIM-MAX1320 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1320 MAXIM-MAX1320 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX13202E MAXIM-MAX13202E Datasheet
379Kb / 9P
   2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Rev 1; 4/06
MAX13202EALT++ MAXIM-MAX13202EALT+ Datasheet
379Kb / 9P
   2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Rev 1; 4/06
More results

Similar Description - MAX1329BETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1358B MAXIM-MAX1358B Datasheet
3Mb / 71P
   16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
19-5159; Rev 0; 8/10
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
logo
Texas Instruments
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
[Old version datasheet]   DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
[Old version datasheet]   DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com