Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1718T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1718T
Description  Notebook CPU Step-Down Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1718T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1718T_08 Datasheet HTML 4Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 5Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 6Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 7Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 8Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 9Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 10Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 11Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Notebook CPU Step-Down Controller
8
_______________________________________________________________________________________
100
μs/div
SHUTDOWN WAVEFORM
(PWM MODE, NO LOAD)
A
MAX1718T toc13
B0A
A = VOUT, 1V/div
B = INDUCTOR CURRENT, 10A/div
C = SKP/SDN, 5V/div
C
100
μs/div
SHUTDOWN WAVEFORM
(PWM MODE, IOUT = 12A)
A
MAX1718T toc14
B0A
A = VOUT, 1V/div
B = INDUCTOR CURRENT, 10A/div
C = SKP/SDN, 5V/div
C
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VV+ = 12V, VDD = VCC = VSKP/SDN = 5V, VOUT = 1.25V, TA = +25°C, unless otherwise noted.)
40
μs/div
DYNAMIC OUTPUT VOLTAGE TRANSITION
(PWM MODE)
A
MAX1718T toc12
B0A
A = VOUT, 500mV/div, AC-COUPLED
B = INDUCTOR CURRENT, 10A/div
C = VGATE, 5V/div
D = SUS, 5V/div
C
D
VOUT = 0.7V TO 1.25V
IOUT = 3A, RTIME = 62k
Ω
0.750
0.800
0.775
0.850
0.825
0.900
0.875
0.925
0.5
0.9
1.1
0.7
1.3
1.5
1.7
1.9
OFFSET FUNCTION SCALE FACTOR
vs. DAC SETTING
DAC SETTING (V)
MEASURED
THEORETICAL
1.00
1.10
1.05
1.25
1.20
1.15
1.40
1.35
1.30
1.45
-300
-100
-200
0
100
200
OUTPUT VOLTAGE
vs. POS-NEG DIFFERENTIAL
POS-NEG (V)


Similar Part No. - MAX1718T_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1718TEEI MAXIM-MAX1718TEEI Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
More results

Similar Description - MAX1718T_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718 MAXIM-MAX1718 Datasheet
700Kb / 35P
   Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning IMVP-II
19-1960; Rev 3; 8/02
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
   Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com