Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1326 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1326
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1326 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1326 Datasheet HTML 3Page - Maxim Integrated Products MAX1326 Datasheet HTML 4Page - Maxim Integrated Products MAX1326 Datasheet HTML 5Page - Maxim Integrated Products MAX1326 Datasheet HTML 6Page - Maxim Integrated Products MAX1326 Datasheet HTML 7Page - Maxim Integrated Products MAX1326 Datasheet HTML 8Page - Maxim Integrated Products MAX1326 Datasheet HTML 9Page - Maxim Integrated Products MAX1326 Datasheet HTML 10Page - Maxim Integrated Products MAX1326 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0V, VREF = VREFMS = +2.5V (external reference), see the Typical Operating Circuits sec-
tion, fCLK = 10MHz, 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = +25°C, unless otherwise noted.)
INTERNAL REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.2
5.1
4.8
4.9
5.0
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
2.5003
2.5004
2.4996
4.7
5.3
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.496
-40
85
OFFSET ERROR vs. SUPPLY VOLTAGE
AVDD (V)
5.15
5.05
4.95
4.85
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
-2.0
4.75
5.25
NORMALIZED AT TA = +25°C
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
_______________________________________________________________________________________
7
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-0.03
-0.02
-0.01
0
0.02
0.01
0.03
0.04
-0.04
-40
85
NORMALIZED AT TA = +25°C
GAIN ERROR vs. SUPPLY VOLTAGE
AVDD (V)
5.15
5.05
4.95
4.85
10
11
12
13
14
15
16
9
4.75
5.25
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
0.02
0.03
0.04
0.05
0.07
0.06
0.08
0.09
0.01
-40
85


Similar Part No. - MAX1326

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1326 MAXIM-MAX1326 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1326ECM MAXIM-MAX1326ECM Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
More results

Similar Description - MAX1326

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com