Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3003EBP-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3003EBP-T
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003EBP-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3003EBP-T Datasheet HTML 3Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 4Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 5Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 6Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 7Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 8Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 9Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 10Page - Maxim Integrated Products MAX3003EBP-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
_______________________________________________________________________________________
7
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
2000
1500
1000
500
0
-40
10
-15
356085
TEMPERATURE (
°C)
VL SUPPLY CURRENT vs. TEMPERATURE
(DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
DATA RATE = 20Mbps
DATA RATE = 4Mbps
DATA RATE = 230kbps
0
2000
6000
4000
8000
10,000
1.5
2.5
3.0
2.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
VCC SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VL, VL = 1.8V)
DATA RATE = 230kbps
DATA RATE = 4Mbps
DATA RATE = 20Mbps
0
100
200
300
400
500
600
1.5
2.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
VL SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VL, VL = 1.8V)
SUPPLY VOLTAGE (V)
DATA RATE = 20Mbps
DATA RATE = 4Mbps
DATA RATE = 230kbps
0
500
1500
1000
2000
2500
-40
10
-15
35
60
85
TEMPERATURE (
°C)
VCC SUPPLY CURRENT vs. TEMPERATURE
(DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
DATA RATE = 20Mbps
DATA RATE = 4Mbps
DATA RATE = 230kbps
0
20
40
60
80
100
10
40
50
20
30
60
70
80
90 100
CAPACITIVE LOAD (pF)
VL SUPPLY CURRENT vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
DATA RATE = 20Mbps
DATA RATE = 4Mbps
DATA RATE = 230kbps
0
2000
1000
4000
3000
6000
5000
7000
10
30
40
20
50
60
70
80
90 100
CAPACITIVE LOAD (pF)
VCC SUPPLY CURRENT vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
DATA RATE = 20Mbps
DATA RATE = 4Mbps
DATA RATE = 230kbps
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
20
500
1000
1500
2000
0
10
100
tHL
MAX3000E
RISE/FALL TIME vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
DATA RATE = 230kbps
tLH


Similar Part No. - MAX3003EBP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3003EBP-T MAXIM-MAX3003EBP-T Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
More results

Similar Description - MAX3003EBP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com