Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3580ETJ+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3580ETJ+
Description  Direct-Conversion TV Tuner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580ETJ+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3580ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Direct-Conversion TV Tuner
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
SDA
Serial-Data Input Line. Requires a pullup resistor to VCC.
2
SCL
Serial-Clock Input. Requires a pullup resistor to VCC.
3
RFIN2
Second RF Input
4
RFIN
First RF Input
5
ADDR2
Address Line. Sets the 3rd LSB of the device address. Connect to ground to set for “0” or VCC to set
for “1.”
6
GND_LNA
Not Internally Connected. Connect to ground.
7
VCC_RF
DC Supply for RF LNA. Connect as close as possible a 100pF capacitor from this pin to GND.
8
LEXT
External Bias Inductor. Connect to VCC with a 270nH inductor.
9
RF_AGC
Gain Control Input for RF VGA.
10
IND1
VHF Inductor Pin 1. Keep traces to inductor as short as possible.
11
IND2
VHF Inductor Pin 2. Keep traces to inductor as short as possible.
12
N.C.
No Connection
13
OVLD_DET
Overload Detector Output. No connection required to this pin.
14
VCC_BB
DC Supply for Baseband Filter. Connect as close as possible a 10nF capacitor from this pin to ground.
15
BBQ-
Quadrature Inverted Baseband Output
16
BBQ+
Quadrature Noninverted Baseband Output
17
BBI-
In-Phase, Inverted Baseband Output
18
BBI+
In-Phase, Noninverted Baseband Output
19
BB_AGC
Gain Control Input for Baseband VGAs
20
VCC_VCO
DC Supply for the VCO. Connect as close as possible a 100pF capacitor from this pin to ground.
21
VTUNE
VCO Tuning Voltage Input. Connect the PLL loop filter output directly to this pin.
22
GND_TUNE
Ground Reference for the Tuning Voltage. Connect to ground of the loop filter.
23
LDO
VCO LDO Output. Connect a 0.1µF capacitor to ground.
24
CP
Charge-Pump Output. Connect the charge-pump output to the PLL loop filter input.
25
GND_CP
Ground for the Charge Pump
26
VCC_SYN
DC Supply for Synthesizer and Serial-Interface Control. Connect as close as possible a 10nF
capacitor from this pin to ground.
27
GND_PLL
Ground for the PLL
28
MUX
Multiplex Output Line. Can be used as a PLL lock-detector output.
29
REF_BUFF
Buffered Output of Reference Oscillator
30
VCC_XTAL
DC Supply for Reference Oscillator. Connect as close as possible a 10nF capacitor from this pin to ground.
31
XB
Reference Input. Connect to a parallel resonant mode XTAL through a load-matching capacitor, or
can also be used as a reference clock input pin.
32
XE
Reference Oscillator Feedback. Connect to a capacitive divider when used in self-oscillating mode.
—EP
Exposed Paddle. Internally connected to ground. Solder EP to the board’s ground plane to achieve
the lowest possible impedance path and optimum RF performance.


Similar Part No. - MAX3580ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580ETJ+T MAXIM-MAX3580ETJ+T Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ+T MAXIM-MAX3580ETJ+T Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
More results

Similar Description - MAX3580ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Toshiba Semiconductor
TA1375FG TOSHIBA-TA1375FG Datasheet
233Kb / 24P
   Single Conversion Tuner for Digital TV / CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com