Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3228E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3228E
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3228E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3228E Datasheet HTML 2Page - Maxim Integrated Products MAX3228E Datasheet HTML 3Page - Maxim Integrated Products MAX3228E Datasheet HTML 4Page - Maxim Integrated Products MAX3228E Datasheet HTML 5Page - Maxim Integrated Products MAX3228E Datasheet HTML 6Page - Maxim Integrated Products MAX3228E Datasheet HTML 7Page - Maxim Integrated Products MAX3228E Datasheet HTML 8Page - Maxim Integrated Products MAX3228E Datasheet HTML 9Page - Maxim Integrated Products MAX3228E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
6
_______________________________________________________________________________________
Detailed Description
Dual-Mode Regulated Charge-Pump
Voltage Converter
The MAX3228E/AE and MAX3229E/AE internal power
supply consists of a dual-mode regulated charge
pump. For supply voltages above +3.7V, the charge
pump will generate +5.5V at V+ and -5.5V at V-. The
charge pumps operate in a discontinuous mode. If the
output voltages are less than ±5.5V, the charge pumps
are enabled, if the output voltages exceed ±5.5V, the
charge pumps are disabled.
For supply voltages below +2.85V, the charge pump
will generate +4.0V at V+ and -4.0V at V-. The charge
pumps operate in a discontinuous mode. If the output
voltages are less than ±4.0V, the charge pumps are
enabled, if the output voltages exceed ±4.0V, the
charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supply voltages.
Voltage Generation in the
Switchover Region
The MAX3228E/AE and MAX3229E/AE include a
switchover circuit between these two modes that have
approximately 400mV of hysteresis around the
switchover point. The hysteresis is shown in Figure 1.
This large hysteresis eliminates mode changes due to
power-supply bounce.
For example, a three-cell NiMh battery system starts at
VCC = +3.6V, and the charge pump will generate an
output voltage of ±5.5V. As the battery discharges, the
PIN
MAX3228E/
MAX3228AE
MAX3229E/
MAX3229AE
NAME
FUNCTION
C5
C5
FORCEOFF
Active-Low FORCEOFF Input. Drive FORCEOFF low to shut down transmitters,
receivers, and on-board charge pump. This overrides all automatic circuitry and
FORCEON. Pulls itself high internally if not connected.
C6, D6
C6
R_OUT
Receiver Output(s)
D1
D1
C1-
Positive Regulated Charge-Pump Capacitor Negative Terminal
E1
E1
GND
Ground
E2
E2
INVALID
Valid Signal Detector Output. INVALID is enabled low if no valid RS-232 level is present
on any receiver input.
E3, E4
E3
T_OUT
RS-232 Transmitter Output(s)
E5, E6
E5
R_IN
RS-232 Receiver Input(s)
Pin Description (continued)
SYSTEM SUPPLY (V)
VCC (V)
VL (V)
RS-232 MODE
1 Li+ Cell
+2.4 to +4.2
Regulated System Voltage
Compliant/Compatible
3 NiCad/NiMh Cells
+2.4 to +3.8
Regulated System Voltage
Compliant/Compatible
Regulated Voltage Only
(VCC falling)
+3.0 to +5.5
+3.0 to +5.5
Compliant
Regulated Voltage Only
(VCC falling)
+2.5 to +3.0
+2.5 to +3.0
Compatible
Table 1. Operating Supply Options
Figure 1. V+ Switchover for Changing VCC
0
6V
4V
0
20ms/div
VCC
V+


Similar Part No. - MAX3228E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228EBV MAXIM-MAX3228EBV Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3228EEBV MAXIM-MAX3228EEBV Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
More results

Similar Description - MAX3228E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com