Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3231EEBV-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3231EEBV-T
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3231EEBV-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3231EEBV-T Datasheet HTML 5Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 6Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 7Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 8Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 9Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 10Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 11Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 12Page - Maxim Integrated Products MAX3231EEBV-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
which is then discharged into the test device through a
1.5kΩ resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and per-
formance of finished equipment. It does not specifically
refer to ICs. The MAX3230E/AE and MAX3231E/AE aid
in designing equipment that meets Level 4 (the highest
level) of IEC 1000-4-2, without the need for additional
ESD-protection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is a higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stands voltage measured to IEC 1000-4-2 and is gener-
ally lower than that measured using the Human Body
Model. Figure 6a shows the IEC 1000-4-2 model, and
Figure 6b shows the current waveform for the ±8kV IEC
1000-4-2 Level 4 ESD Contact Discharge test.
The Air-Gap test involves approaching the device with a
charged probe. The Contact Discharge method connects
the probe to the device before the probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a 200pF
storage capacitor and zero discharge resistance. Its
objective is to emulate the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. Of course, all pins require this protection during
manufacturing, not just RS-232 inputs and outputs.
Therefore, after PC board assembly, the Machine Model
is less relevant to I/O ports.
Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; either polarized or nonpolarized
capacitors can be used. However, ceramic chip capaci-
tors with an X7R or X5R dielectric work best. The charge
pump requires 0.1µF capacitors for 3.3V operation. For
other supply voltages, see Table 3 for required capaci-
tor values. Do not use values smaller than those listed in
Table 3. Increasing the capacitor values (e.g., by a fac-
tor of 2) reduces ripple on the transmitter outputs and
slightly reduces power consumption. C2, C3, and C4
can be increased without changing the vaue of C1.
Caution: Do not increase C1 without also increasing
the values of C2, C3, and C4 to maintain the proper
ratios (C1 to the other capacitors).
When using the minimum required capacitor values,
make sure the capacitor value does not degrade exces-
sively with temperature. If in doubt, use capacitors with
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
_______________________________________________________________________________________
9
Figure 3. AutoShutdown Trip Levels
V-
VCC
0
V+
0
VCC
tINVL
tWU
INVALID
REGION
RECEIVER
INPUT
VOLTAGE
(V)
INVALID
OUTPUT
(V)
tINVH
TRANSMITTERS ENABLED, INVALID HIGH
AutoShutdown, TRANSMITTERS DISABLED,
1
μA SUPPLY CURRENT, INVALID LOW
TRANSMITTERS ENABLED, INVALID HIGH
a)
b)
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INDETERMINATE
Figure 4. AutoShutdown with Initial Turn-On to Wake Up a
Mouse or Another System
FORCEON
MASTER SHDN LINE
0.1
μF1MΩ
FORCEOFF
MAX3230E/AE
MAX3231E/AE
POWER-
MANAGEMENT
UNIT


Similar Part No. - MAX3231EEBV-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3231EEBV-T MAXIM-MAX3231EEBV-T Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
More results

Similar Description - MAX3231EEBV-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com