Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX410 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX410
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX410 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX410 Datasheet HTML 7Page - Maxim Integrated Products MAX410 Datasheet HTML 8Page - Maxim Integrated Products MAX410 Datasheet HTML 9Page - Maxim Integrated Products MAX410 Datasheet HTML 10Page - Maxim Integrated Products MAX410 Datasheet HTML 11Page - Maxim Integrated Products MAX410 Datasheet HTML 12Page - Maxim Integrated Products MAX410 Datasheet HTML 13Page - Maxim Integrated Products MAX410 Datasheet HTML 14Page - Maxim Integrated Products MAX410 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Chip Information
MAX410 TRANSISTOR COUNT: 132
MAX412 TRANSISTOR COUNT: 262
MAX414 TRANSISTOR COUNT: 2 262 (hybrid)
PROCESS: Bipolar
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
______________________________________________________________________________________
11
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX412CPA
0°C to +70°C
8 Plastic DIP
MAX412BCPA
0°C to +70°C
8 Plastic DIP
MAX412CSA
0°C to +70°C
8 SO
MAX412BCSA
0°C to +70°C
8 SO
MAX412EPA
-40°C to +85°C
8 Plastic DIP
MAX412BEPA
-40°C to +85°C
8 Plastic DIP
MAX412ESA
-40°C to +85°C
8 SO
MAX412BESA
-40°C to +85°C
8 SO
MAX414CPD
0°C to +70°C
14 Plastic DIP
MAX414BCPD
0°C to +70°C
14 Plastic DIP
MAX414CSD
0°C to +70°C
14 SO
MAX414BCSD
0°C to +70°C
14 SO
MAX414EPD
-40°C to +85°C
14 Plastic DIP
MAX414BEPD
-40°C to +85°C
14 Plastic DIP
MAX414ESD
-40°C to +85°C
14 SO
MAX414BESD
-40°C to +85°C
14 SO
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT4
IN4-
IN4+
V-
V+
IN1+
IN1-
OUT1
TOP VIEW
MAX414
IN3+
IN3-
OUT3
OUT2
IN2-
IN2+
DIP/SO
3
2
1
4
Pin Configurations (continued)


Similar Part No. - MAX410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100EUA MAXIM-MAX4100EUA Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results

Similar Description - MAX410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
   28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
   28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
   28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com