Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4069 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4069
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4069 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4069_08 Datasheet HTML 6Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 7Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 8Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 9Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 10Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 11Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 12Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 13Page - Maxim Integrated Products MAX4069_08 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Detailed Description
The MAX4069–MAX4072 bidirectional, high-side, cur-
rent-sense amplifiers are ideal for portable equipment.
The wide 1.35V to 24V input common-mode voltage
range is independent of the supply voltage, ensuring
that the current-sense feedback remains accurate even
when connected to a battery pack in deep discharge.
The MAX4069/MAX4071/MAX4072 operate from a 2.7V
to 24V single supply. Because the MAX4070 has a 2.5V
internal reference, it operates from 3.6V to 24V. All
devices have a low 100µA supply current that reduces
to only 10µA (typ) in shutdown mode. To achieve maxi-
mum flexibility, an external current-sense resistor is
used along with a gain select pin (GSEL) to choose
either 50V/V or 100V/V. Drive GSEL low to select gain of
50V/V or drive GSEL high to choose gain of 100V/V
(see
Functional Diagram). The MAX4069 has an
adjustable reference voltage set by two external resis-
tors between REFOUT and ADJ, and GND pins. The
MAX4070 contains an internal 2.5V reference. The
MAX4071 is similar to the MAX4070 but with a fixed
internal reference voltage of 1.5V. The MAX4072 has a
reference input pin to allow use of external references.
Charging current is represented by an output voltage
from the reference voltage to VCC, while discharge cur-
rent is given from the reference voltage to GND. The
direction of VSENSE is totally arbitrary.
The input stage of the MAX4069–MAX4072 is shown in
Figure 1. Its unique topology allows for monitoring bidi-
rectional currents through the sense resistor (RSENSE). If,
for instance, current flows from RS+ to RS-, the
MAX4069–MAX4072 match for the voltage drop over the
external sense resistor (RSENSE) by increasing the cur-
rent through the internal Q1 and RG1. At the same time,
the current through Q2 and RG2 decreases, however,
internal circuitry not shown in Figure 1 prevents Q2 from
turning off completely. Likewise, if current flows from RS-
to RS+, the current through Q2 and RG2 increases and
the current through Q1 decreases. In this way, the volt-
ages at the input terminals of the internal amplifier A1 are
kept constant and an accurate measurement of the sense
voltage is achieved. In the following amplifier stages of
the MAX4069–MAX4072, the output signal of amplifier A2
is level-shifted towards the reference voltage (VREF),
resulting in a voltage at the output pin (OUT) that swings
above the VREF voltage for positive-sense voltages and
below VREF for negative-sense voltages.
Applications Information
Bidirectional, Current-Sense Amplifier
Systems such as laptop computers and other devices
that have internal charge circuitry require a precise bidi-
rectional, current-sense amplifier to accurately monitor
the battery’s current regardless of polarity. Figure 2
shows the MAX4069–MAX4072 used as a bidirectional
current monitor. In Figure 2, the direction of VSENSE is
assigned to charge and discharge, assuming charge is
greater than discharge. The practical choice of direction
is based on dynamic range at OUT, given that the range
of REF to VCC is usually greater than from REF to
ground. This is useful for implementing either smart bat-
tery packs or fuel gauges.
High-Current Measurement
The MAX4069–MAX4072 can achieve high-current
measurements by using low-value sense resistors,
which can be paralleled to further increase the current-
sense limit.
Adjusting VREF (MAX4069)
The MAX4069 has an output reference voltage that can
be set to a desired voltage by a two-resistor divider
between REFOUT, ADJ, and GND. If REFOUT and ADJ
are connected together, the minimum output reference
voltage is obtained, 1.23V (typ). The maximum voltage
for REFOUT is 4V (that requires VCC
≥ 5.1V). The rec-
ommended range for the external resistors is: R1 + R2
should be > 20k
Ω and < 500kΩ.
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
10
______________________________________________________________________________________
MAX4069–MAX4072
RSENSE
RS-
RS+
RG2
RG1
A1
A2
Q1
Q2
IOUT
OUT
Figure 1. Detailed Input Stage
Note: RG1 = RG2 = 104k (typ).


Similar Part No. - MAX4069_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069-MAX4072 MAXIM-MAX4069-MAX4072 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069AUB MAXIM-MAX4069AUB Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069AUB++ MAXIM-MAX4069AUB+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4069_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com