Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3785ITT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3785ITT
Description  6.25Gbps, 1.8V PC Board Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3785ITT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3785ITT Datasheet HTML 1Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 2Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 3Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 4Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 5Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 6Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 7Page - Maxim Integrated Products MAX3785ITT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Functional Description
The MAX3785 6.25Gbps PC board equalizer consists
of an equalizer, limiting amplifier, offset driver, and off-
set cancellation circuit (see Figure 2). The equalizer
block compensates for the attenuation caused by the
PC board. The limiting amplifier squares up the signal
at the output of the equalizer block. The offset cancella-
tion circuit corrects for internal offset in the limiting
amplifier to minimize pulse-width distortion. This intro-
duces a low-frequency cutoff. The data must achieve a
50% mark/space ratio in less than 100µs. The specified
minimum differential input must be maintained to avoid
oscillation.
Input and Output Structures
An equivalent DC input circuit is shown in Figure 3. It
has an equivalent DC differential input resistance of
100
Ω. The output buffer is implemented using current-
mode logic (CML), as shown in Figure 4.
Package Description
The chip-scale package (UCSP) has a bump pitch of
0.5mm (19.7 mils) and a bump diameter of 0.3mm (12
mils). Lay out the solder pad spacing on 0.5mm (19.7
mils), a pad size of 0.25mm (10 mils) and a solder
mask opening of 0.33mm (13 mils). Round or square
pads are permissible. For detailed information on UCSP
layout and handling, go to Maxim’s website,
www.maxim-ic.com. The enclosed package description
was accurate at the time of publication. For the
MAX3785, all the balls shown in row B of the drawing
are unpopulated. See the
Package Information section
for the latest package information.
6.25Gbps, 1.8V PC Board Equalizer
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION (MAX3785UBL)
A1
IN-
Negative Data Input, CML
A2
GND
Supply Ground
A3
OUT-
Negative Data Output, CML
C1
IN+
Positive Data Input, CML
C2
VCC
Supply Voltage
C3
OUT+
Positive Data Input, CML
MAX3785UBL Pin Description
PIN
NAME
FUNCTION (MAX3785UTT)
1
IN-
Negative Data Input (CML)
2
GND
Supply Ground
3
OUT-
Negative Data Output (CML)
4
OUT+
Positive Data Output (CML)
5
VCC
Supply Voltage
6
IN+
Positive Data Input (CML)
EP
Exposed Pad
MAX3785UTT Pin Description
Figure 2. Functional Diagram of the MAX3785
EQUALIZER
OFFSET
ADJUST
LIMITER
OUTPUT
BUFFER
MAX3785
OUT+
OUT-
IN+
IN-


Similar Part No. - MAX3785ITT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3785 MAXIM-MAX3785 Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
MAX3785UBL MAXIM-MAX3785UBL Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
MAX3785UTT MAXIM-MAX3785UTT Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
MAX3785UTT MAXIM-MAX3785UTT Datasheet
206Kb / 8P
   Fully Assembled and Tested
Rev 0 ; 10/03
MAX3785UTTEVKIT MAXIM-MAX3785UTTEVKIT Datasheet
206Kb / 8P
   Fully Assembled and Tested
Rev 0 ; 10/03
More results

Similar Description - MAX3785ITT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3785 MAXIM-MAX3785 Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M_16 Datasheet
1Mb / 11P
   1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
logo
Texas Instruments
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com