Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX630CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX630CSA
Description  CMOS Micropower Step-Up Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX630CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX630CSA Datasheet HTML 1Page - Maxim Integrated Products MAX630CSA Datasheet HTML 2Page - Maxim Integrated Products MAX630CSA Datasheet HTML 3Page - Maxim Integrated Products MAX630CSA Datasheet HTML 4Page - Maxim Integrated Products MAX630CSA Datasheet HTML 5Page - Maxim Integrated Products MAX630CSA Datasheet HTML 6Page - Maxim Integrated Products MAX630CSA Datasheet HTML 7Page - Maxim Integrated Products MAX630CSA Datasheet HTML 8Page - Maxim Integrated Products MAX630CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
Maxim’s MAX630 and MAX4193 CMOS DC-DC regula-
tors are designed for simple, efficient, minimum-size
DC-DC converter circuits in the 5mW to 5W range. The
MAX630 and MAX4193 provide all control and power
handling functions in a compact 8-pin package: a
1.31V bandgap reference, an oscillator, a voltage com-
parator, and a 375mA N-channel output MOSFET. A
comparator is also provided for low-battery detection.
Operating current is only 70µA and is nearly indepen-
dent of output switch current or duty cycle. A logic-level
input shuts down the regulator to less than 1µA quies-
cent current. Low-current operation ensures high effi-
ciency even in low-power battery-operated systems.
The MAX630 and MAX4193 are compatible with most
battery voltages, operating from 2.0V to 16.5V.
The devices are pin compatible with the Raytheon bipo-
lar circuits, RC4191/2/3, while providing significantly
improved efficiency and low-voltage operation. Maxim
also manufactures the MAX631, MAX632, and MAX633
DC-DC converters, which reduce the external compo-
nent count in fixed-output 5V, 12V, and 15V circuits.
See Table 2 at the end of this data sheet for a summary
of other Maxim DC-DC converters.
Applications
+5V to +15V DC-DC Converters
High-Efficiency Battery-Powered DC-DC
Converters
+3V to +5V DC-DC Converters
9V Battery Life Extension
Uninterruptible 5V Power Supplies
5mW to 5W Switch-Mode Power Supplies
Features
♦ High Efficiency—85% (typ)
♦ 70µA Typical Operating Current
♦ 1µA Maximum Quiescent Current
♦ 2.0V to 16.5V Operation
♦ 525mA (Peak) Onboard Drive Capability
♦ ±1.5% Output Voltage Accuracy (MAX630)
♦ Low-Battery Detector
♦ Compact 8-Pin Mini-DIP and SO Packages
♦ Pin Compatible with RC4191/2/3
CMOS Micropower Step-Up
Switching Regulator
________________________________________________________________ Maxim Integrated Products
1
IC
+VS
GND
1
2
8
7
LBD
VFB
CX
LX
LBR
TOP VIEW
3
4
6
5
MAX630
MAX4193
Pin Configuration
Ordering Information
MAX630
+5V IN
470
μH
+15V
OUT
47pF
8
LBD
1
LBR
2
CX
4
GND
7
VFB
3
LX
6
IC
5
+VS
+5 TO +15V CONVERTER
PART
TEMP RANGE
PIN-
PACKAGE
MAX630CPA
0
°C to +70°C
8 PDIP
MAX630CSA
0
°C to +70°C
8 SO
MAX630CJA
0
°C to +70°C
8 CERDIP
MAX630EPA
-40
°C to +85°C
8 PDIP
MAX630ESA
-40
°C to +85°C
8 SO
MAX630EJA
-40
°C to +85°C
8 CERDIP
MAX630MJA
-55
°C to +125°C
8 CERDIP**
MAX630MSA/PR
-55
°C to +125°C
8 SO†
MAX630MSA/PR-T
-55
°C to +125°C
8 SO†
MAX4193C/D
0
°C to +70°C
Dice*
MAX4193CPA
0
°C to +70°C
8 PDIP
MAX4193CSA
0
°C to +70°C
8 SO
MAX4193CJA
0
°C to +70°C
8 CERDIP
MAX4193EPA
-40
°C to +85°C
8 PDIP
MAX4193ESA
-40
°C to +85°C
8 SO
MAX4193EJA
-40
°C to +85°C
8 CERDIP
MAX4193MJA
-55
°C to +125°C
8 CERDIP**
Typical Operating Circuit
19-0915; Rev 2; 9/08
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Dice are specified at TA = +25°C. Contact factory for dice
specifications.
**Contact factory for availability and processing to MIL-STD-883.
†Contact factory for availibility.


Similar Part No. - MAX630CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630CSA MAXIM-MAX630CSA Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX630CSA MAXIM-MAX630CSA Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
More results

Similar Description - MAX630CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
   CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
logo
Sharp Corporation
PQ6CU12X2APQ SHARP-PQ6CU12X2APQ Datasheet
134Kb / 4P
   CMOS Step-up Chopper Regulator
PQ6CU11X1APQ SHARP-PQ6CU11X1APQ Datasheet
136Kb / 4P
   CMOS Step-up Chopper Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com