Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX630CJA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX630CJA
Description  CMOS Micropower Step-Up Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX630CJA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX630CJA Datasheet HTML 5Page - Maxim Integrated Products MAX630CJA Datasheet HTML 6Page - Maxim Integrated Products MAX630CJA Datasheet HTML 7Page - Maxim Integrated Products MAX630CJA Datasheet HTML 8Page - Maxim Integrated Products MAX630CJA Datasheet HTML 9Page - Maxim Integrated Products MAX630CJA Datasheet HTML 10Page - Maxim Integrated Products MAX630CJA Datasheet HTML 11Page - Maxim Integrated Products MAX630CJA Datasheet HTML 12Page - Maxim Integrated Products MAX630CJA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
voltages that are either greater or less than the output.
DC-DC converters can also be classified by the control
method. The two most common are pulse-width modu-
lation (PWM) and pulse-frequency modulation (PFM).
PWM switch-mode power-supply ICs (of which current-
mode control is one variant) are well-established in
high-power off-line switchers. Both PWM and PFM cir-
cuits control the output voltage by varying duty cycle.
In the PWM circuit, the frequency is held constant and
the width of each pulse is varied. In the PFM circuit, the
pulse width is held constant and duty cycle is con-
trolled by changing the pulse repetition rate.
The MAX630 refines the basic PFM by employing a con-
stant-frequency oscillator. Its output MOSFET is switched
on when the oscillator is high and the output voltages is
lower than desired. If the output voltage is higher than
desired, the MOSFET output is disabled for that oscillator
cycle. This pulse skipping varies the average duty cycle,
and thereby controls the output voltage.
Note that, unlike the PWM ICs, which use an op amp as
the control element, the MAX630 uses a comparator to
compare the output voltage to an onboard reference.
This reduces the number of external components and
operating current.
Typical Applications
+5V to +15V DC-DC Converter
Figure 1 shows a simple circuit that generates +15V at
approximately 20mA from a +5V input. The MAX630
has a ±1.5% reference accuracy, so the output voltage
has an untrimmed accuracy of ±3.5% if R1 and R2 are
1% resistors. Other output voltages can also be select-
ed by changing the feedback resistors. Capacitor CX
sets the oscillator frequency (47pF = 40kHz), while C1
limits output ripple to about 50mV.
With a low-cost molded inductor, the circuit’s efficiency
is about 75%, but an inductor with lower series resis-
tance such as the Dale TE3Q4TA increases efficiency
to around 85%. A key to high efficiency is that the
MAX630 itself is powered from the +15V output. This
provides the onboard N-channel output device with 15V
gate drive, lowering its on-resistance to about 4
Ω.
When +5V power is first applied, current flows through
L1 and D1, supplying the MAX630 with 4.4V for startup.
+5V to ±15V DC-DC Converter
The circuit in Figure 3 is similar to that of Figure 1
except that two more windings are added to the induc-
tor. The 1408 (14mm x 8mm) pot core specified is an
IEC standard size available from many manufacturers
(see Table 1). The -15V output is semiregulated, typi-
cally varying from -13.6V to -14.4V as the +15V load
current changes from no load to 20mA.
2.5W, 3V to 5V DC-DC Converter
Some systems, although battery powered, need high
currents for short periods, and then shut down to a low-
power state. The extra circuitry of Figure 4 is designed to
meet these high-current needs. Operating in the buck-
boost or flyback mode, the circuit converts -3V to +5V.
The left side of Figure 4 is similar to Figure 1 and sup-
plies 15V for the gate drive of the external power MOS-
FET. This 15V gate drive ensures that the external device
is completely turned on and has low on-resistance.
The right side of Figure 4 is a -3V to +5V buck-boost
converter. This circuit has the advantage that when the
MAX630 is turned off, the output voltage falls to 0V,
unlike the standard boost circuit, where the output volt-
age is VBATT - 0.6V when the converter is shut down.
When shut down, this circuit uses less than 10µA, with
most of the current being the leakage current of the
power MOSFET.
The inductor and output-filter capacitor values have
been selected to accommodate the increased power
levels. With the values indicated, this circuit can supply
up to 500mA at 5V, with 85% efficiency. Since the left
side of the circuit powers only the right-hand MAX630,
the circuit starts up with battery voltages as low as
1.5V, independent of the loading on the +5V output.
CMOS Micropower Step-Up
Switching Regulator
_______________________________________________________________________________________
9
MAX630
1M
Ω
95.3k
Ω
47pF
7
VFB
2
CX
GND
LBD
N.C.
GND
1
LX
3
65
48
IC +VS
+5V
330
μF
25V
330
μF
25V
1:3
:3
220
μH PRIMARY
14 x 8mm POT CORE
ALL DIODES IN4148
Figure 3. +5V to ±15V Converter


Similar Part No. - MAX630CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630CJA MAXIM-MAX630CJA Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX630CJA MAXIM-MAX630CJA Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
More results

Similar Description - MAX630CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
   CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
logo
Sharp Corporation
PQ6CU12X2APQ SHARP-PQ6CU12X2APQ Datasheet
134Kb / 4P
   CMOS Step-up Chopper Regulator
PQ6CU11X1APQ SHARP-PQ6CU11X1APQ Datasheet
136Kb / 4P
   CMOS Step-up Chopper Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com