Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3001E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3001E
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3001E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3001E Datasheet HTML 1Page - Maxim Integrated Products MAX3001E Datasheet HTML 2Page - Maxim Integrated Products MAX3001E Datasheet HTML 3Page - Maxim Integrated Products MAX3001E Datasheet HTML 4Page - Maxim Integrated Products MAX3001E Datasheet HTML 5Page - Maxim Integrated Products MAX3001E Datasheet HTML 6Page - Maxim Integrated Products MAX3001E Datasheet HTML 7Page - Maxim Integrated Products MAX3001E Datasheet HTML 8Page - Maxim Integrated Products MAX3001E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004–MAX3012), EN A/B = VL or 0
(MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3000E
500
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3001E
10
Channel-to-Channel Skew
tSKEW
RS = 50
Ω, CVCC = 50pF, CVL = 15pF,
MAX3002–MAX3012
5
ns
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
ΔTA = +20°C, MAX3000E (Note 3)
800
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
ΔTA = +20°C, MAX3001E (Note 3)
30
Part-to-Part Skew
tPPSKEW
RS = 50
Ω, CVCC = 50pF, CVL = 15pF,
ΔTA = +20°C, MAX3002–MAX3012 (Note 3)
10
ns
Propagation Delay from
I/O VL _ to I/O VCC_ after EN
tEN-VCC
CVCC = 50pF, MAX3000E/MAX3001E,
MAX3002–MAX3012, Figure 3
2µs
CVL = 50pF, MAX3000E/MAX3001E/
MAX3002/MAX3004–MAX3012, Figure 4
2
Propagation Delay from
I/O VCC_ to I/O VL _ after EN
tEN-VL
CVL = 15pF, MAX3003, Figure 4
2
µs
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3000E
230
kbps
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3001E
4
Maximum Data Rate
RS = 50
Ω, CVCC = 50pF, CVL = 15pF,
MAX3002–MAX3012
20
Mbps
Note 3: VCC from device 1 must equal VCC of device 2; VL from device 1 must equal VL of device 2.


Similar Part No. - MAX3001E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3001E MAXIM-MAX3001E Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3001EAUP MAXIM-MAX3001EAUP Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3001EAUP MAXIM-MAX3001EAUP Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3001EEBP-T MAXIM-MAX3001EEBP-T Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3001EEUP MAXIM-MAX3001EEUP Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
More results

Similar Description - MAX3001E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com