Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4070 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4070
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4070 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4070 Datasheet HTML 7Page - Maxim Integrated Products MAX4070 Datasheet HTML 8Page - Maxim Integrated Products MAX4070 Datasheet HTML 9Page - Maxim Integrated Products MAX4070 Datasheet HTML 10Page - Maxim Integrated Products MAX4070 Datasheet HTML 11Page - Maxim Integrated Products MAX4070 Datasheet HTML 12Page - Maxim Integrated Products MAX4070 Datasheet HTML 13Page - Maxim Integrated Products MAX4070 Datasheet HTML 14Page - Maxim Integrated Products MAX4070 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
External Reference (MAX4072)
The MAX4072 contains REFIN pin for external refer-
ence voltage. The allowable voltage range on REFIN is
1V (min) to 4V (max) with VCC
≥ 5.1V.
Reference Output
(MAX4069/MAX4060/MAX4071)
The REFOUT of the MAX4069/MAX4070/MAX4071 can
sink 100µA and source 500µA. Keep the total capaci-
tance on REFOUT under 500pF to maintain stability.
Recommended Component Values
Ideally, the maximum load current develops the full-
scale sense voltage across the current-sense resistor.
Choose the gain needed to yield the maximum output
voltage required for the application:
VOUT = VSENSE x AV
where VSENSE is the full-scale sense voltage, 75mV for
gain of 50V/V, or 50mV for gain of 100V/V. AV is the
gain of the device.
In applications monitoring high current, ensure that
RSENSE is able to dissipate its own I2R loss. If the resis-
tor’s power dissipation is exceeded, its value may drift
or it may fail altogether, causing a differential voltage
across the terminals in excess of the absolute maxi-
mum ratings. Use resistors specified for current- sens-
ing applications.
The MAX4069–MAX4072 sense a wide variety of cur-
rents with different sense-resistor values. Table 1 lists
common resistor values for typical operation of these
devices. Listed output voltage is with respect to REF.
Sense Resistor, RSENSE
Choose RSENSE based on the following criteria:
Voltage Loss: A high RSENSE value causes the power-
source voltage to degrade through IR loss. For minimal
voltage loss, use the lowest RSENSE value.
Accuracy: A high RSENSE value allows lower currents
to be measured more accurately. This is because off-
sets become less significant when the sense voltage is
larger. For best performance, select RSENSE to provide
approximately 75mV (gain of 50V/V) or 50mV (gain of
100V/V) of sense voltage for the full-scale current in
each application.
Efficiency and Power Dissipation: At high-current lev-
els, the I2R losses in RSENSE can be significant. Take
this into consideration when choosing the resistor value
and its power dissipation (wattage) rating. Also, the
sense resistor’s value might drift if it is allowed to heat
up excessively.
Inductance: Keep inductance low if ISENSE has a large
high-frequency component. Wire-wound resistors have
the highest inductance, while metal film is somewhat
better. Low-inductance metal-film resistors are also
available. Instead of being spiral-wrapped round a
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
______________________________________________________________________________________
11
MAX4070
IDISCHARGE
RSENSE
ICHARGE
LOAD
TO ADC
2.5V
VCC
GSEL
GND
RS-
RS+
REFOUT
OUT
SHDN
2
CELLS
-25mV
25mV
50mV
0
DISCHARGE
CURRENT
CHARGE
CURRENT
-2.5V
5V
2.5V
AV = 100
VOUT - VREF
VSENSE
Figure 2. Bidirectional Current Monitor


Similar Part No. - MAX4070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4070 MAXIM-MAX4070 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4070ATA MAXIM-MAX4070ATA Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4070ATA++ MAXIM-MAX4070ATA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
MAX4070AUA MAXIM-MAX4070AUA Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4070AUA++ MAXIM-MAX4070AUA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com