Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4081SAUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4081SAUA
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4081SAUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4081SAUA Datasheet HTML 1Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 2Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 3Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 4Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 5Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 6Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 7Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 8Page - Maxim Integrated Products MAX4081SAUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4080/MAX4081 are high-side, current-sense
amplifiers with an input voltage range that extends from
4.5V to 76V making them ideal for telecom, automotive,
backplane, and other systems where high-voltage cur-
rent monitoring is critical. The MAX4080 is designed for
unidirectional current-sense applications and the
MAX4081 allows bidirectional current sensing. The
MAX4081 single output pin continuously monitors the
transition from charge to discharge and avoids the
need for a separate polarity output. The MAX4081
requires an external reference to set the zero-current
output level (VSENSE = 0V). The charging current is rep-
resented by an output voltage from VREF to VCC, while
discharge current is given from VREF to GND.
For maximum versatility, the 76V input voltage range
applies independently to both supply voltage (VCC)
and common-mode input voltage (VRS+). High-side
current monitoring does not interfere with the ground
path of the load being measured, making the
MAX4080/MAX4081 particularly useful in a wide range
of high-voltage systems.
The combination of three gain versions (5V/V, 20V/V,
60V/V = F, T, S suffix) and a user-selectable, external
sense resistor sets the full-scale current reading and its
proportional output voltage. The MAX4080/MAX4081
offer a high level of integration, resulting in a simple,
accurate, and compact current-sense solution.
The MAX4080/MAX4081 operate from a 4.5V to 76V sin-
gle supply and draw only 75µA of supply current. These
devices are specified over the automotive operating
temperature range (-40°C to +125°C) and are available
in a space-saving 8-pin µMAX® or SO package.
Applications
Automotive (12V, 24V, or 42V Batteries)
48V Telecom and Backplane Current
Measurement
Bidirectional Motor Control
Power-Management Systems
Avalanche Photodiode and PIN-Diode Current
Monitoring
General System/Board-Level Current Sensing
Precision High-Voltage Current Sources
Features
♦ Wide 4.5V to 76V Input Common-Mode Range
♦ Bidirectional or Unidirectional ISENSE
♦ Low-Cost, Compact, Current-Sense Solution
♦ Three Gain Versions Available
5V/V (MAX4080F/MAX4081F)
20V/V (MAX4080T/MAX4081T)
60V/V (MAX4080S/MAX4081S)
♦ ±0.1% Full-Scale Accuracy
♦ Low 100µV Input Offset Voltage
♦ Independent Operating Supply Voltage
♦ 75µA Supply Current (MAX4080)
♦ Reference Input for Bidirectional OUT (MAX4081)
♦ Available in a Space-Saving, 8-Pin µMAX Package
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
________________________________________________________________
Maxim Integrated Products
1
N.C.
OUT
GND
1
2
8
7
RS-
N.C.
VCC
N.C.
RS+
μMAX/SO
TOP VIEW
3
4
6
5
MAX4080
REF1B
OUT
GND
1
2
8
7
RS-
REF1A
VCC
N.C.
RS+
μMAX/SO
3
4
6
5
MAX4081
Pin Configurations
Ordering Information
19-2562; Rev 1; 11/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX4080FAUA
-40
°C to +125°C
8 µMAX
MAX4080FASA
-40
°C to +125°C
8 SO
MAX4080TAUA
-40
°C to +125°C
8 µMAX
MAX4080TASA
-40
°C to +125°C
8 SO
MAX4080SAUA
-40
°C to +125°C
8 µMAX
MAX4080SASA
-40
°C to +125°C
8 SO
MAX4081FAUA
-40
°C to +125°C
8 µMAX
MAX4081FASA
-40
°C to +125°C
8 SO
MAX4081TAUA
-40
°C to +125°C
8 µMAX
MAX4081TASA
-40
°C to +125°C
8 SO
MAX4081SAUA
-40
°C to +125°C
8 µMAX
MAX4081SASA
-40
°C to +125°C
8 SO
Selector Guide appears at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX4081SAUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4081SAUA MAXIM-MAX4081SAUA Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4081SAUA++ MAXIM-MAX4081SAUA+ Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
More results

Similar Description - MAX4081SAUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com