Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4793ETT+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4793ETT+
Description  200mA/250mA/300mA Current-Limit Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4793ETT+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4793ETT+ Datasheet HTML 1Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 2Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 3Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 4Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 5Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 6Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 7Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 8Page - Maxim Integrated Products MAX4793ETT+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
200mA/250mA/300mA Current-Limit Switches
4
_______________________________________________________________________________________
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
-40
85
VIN = 5V
OUTPUT CURRENT
vs. OUTPUT VOLTAGE
VIN - VOUT (V)
3.0
2.7
2.1 2.4
0.6 0.9 1.2 1.5 1.8
0.3
50
100
150
200
250
300
350
400
450
500
0
0
3.3
MAX4793/MAX4794
MAX4789/MAX4790
MAX4791/MAX4792
SWITCH TURN-ON/OFF TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.01
0.1
1
10
100
1000
0.001
-40
85
ILOAD = 10mA
OFF
ON
VIN = 3.3V
VIN = 5V
FLAG-BLANKING TIMEOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
25
30
35
40
45
50
20
-40
85
CURRENT-LIMIT RESPONSE
MAX4789 toc11
40
μs/div
VIN
2V/div
VON
2V/div
IOUT
100mA/div
VIN = 3.3V
CIN = 1
μF
COUT = 1
μF
CURRENT-LIMIT RESPONSE
MAX4789 toc12
20
μs/div
VIN = VON
1V/div
IOUT
100mA/div
VIN = VON
CIN = 1
μF
COUT = 1
μF
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4793ETT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4793ETT++ MAXIM-MAX4793ETT+ Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
More results

Similar Description - MAX4793ETT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com