Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LP14-A4-32.768K Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 3LP14-A4-32.768K
Description  LOW POWER CONSUMPTION OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

3LP14-A4-32.768K Datasheet(HTML) 1 Page - EUROQUARTZ limited

  3LP14-A4-32.768K Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
LOW POWER CONSUMPTION OSCILLATORS
·
Very low current consumption from 14mA
·
Industry-standard 14 pin DIL package
·
Wide frequency range, from 1Hz to 160kHz
·
Supply Voltage from 2.0 Volts to 15.0 Volts
·
Standard CMOS output
LPO 14 SERIES, Model 7
OUTLINES AND DIMENSIONS
14 pin Dual-in-Line Package
DESCRIPTION
The Euroquartz LPO14 series of low power consumption oscillators are
ideal parts providing the time base signals for real-time clocks. The
oscillators have very low current consumption (as low as 14mA) and are
ideal for battery operated devices such as data logging and portable test
equipment.
FEATURES
SPECIFICATION
Input Voltage:
+3.3 VDC
+5.0VDC
+2.0 Volts to +7.0 Volts is available
Frequency Range:
20kHz to 160kHz
(Limited to standard frequencies.)
Output Logic:
CMOS
Output Voltage
CMOS HIGH’1’:
2.97V min.
4.0V min.
CMOS LOW ‘0’:
0.33V max.
0.4V max.
Calibration Tolerance:
see table opposite
Frequency Stability:
see curve opposite
Current Consumption:
14mA typical
18mA typical
Rise/Fall Times:
25ns typical, 45ns maximum
(Measured from 10%Vdd to 90%Vdd)
Start-up Voltage:
1.60 VDC
Pin 1 Option, Tristate:
Output is high impedance when LOW
Duty Cycle:
50%±5% typical, 50%±10% maximum
Start-up Time:
450ms maximum
Storage Temperature:
-50° to +100°C
Ageing:
±5ppm maximum at 25°C
kHz RANGE OSCILLATORS mA CURRENT CONSUMPTION
If you require oscillators in the kHz frequency range with mA current
consumption please see our standard CMOS oscillator range.
STOCK HOLDING AND CUSTOM PARTS
Euroquartz maintain a large stock of standard frequency and specification
oscillators. If you require custom frequencies and/or specification
oscillators, Euroquartz will manufacture in-house with short delivery
FREQUENCY DEVIATION vs TEMPERATURE
CURRENT CONSUMPTION vs SUPPLY VOLTAGE
CALIBRATION TOLERANCE
Euroquartz
Part Number
Suffix
Cailbration
Tolerance
at 25°C
P
±10ppm
A
±25ppm
B
±50ppm
C
±100ppm
PART NUMBER GENERATION
LPO oscillators part numbers are derived as follows:
EXAMPLE:
5LPO14-C7-32.768k
Voltage Code
‘5’ = 5 Volts
‘3’ = 3 Volts (etc.)
Package Code
LPO14 = 14 pin DIL
Calibration Tolerance
P, A, B or C
Model Code
4 or 7
Frequency
k = kHz, H = Hz


Similar Part No. - 3LP14-A4-32.768K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3LP01C SANYO-3LP01C Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
3LP01C SANYO-3LP01C Datasheet
84Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
3LP01C ONSEMI-3LP01C Datasheet
259Kb / 6P
   P-Channel Small Signal MOSFET
June, 2013
logo
VBsemi Electronics Co.,...
3LP01C-D VBSEMI-3LP01C-D Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Sanyo Semicon Device
3LP01C-TB-E SANYO-3LP01C-TB-E Datasheet
437Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - 3LP14-A4-32.768K

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
5LPO44-C4-32.768K EUROQUARTZ-5LPO44-C4-32.768K Datasheet
170Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
5LPO44-C7-32.768K EUROQUARTZ-5LPO44-C7-32.768K Datasheet
163Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
5LPO42-C7-32.768K EUROQUARTZ-5LPO42-C7-32.768K Datasheet
164Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
LPO8-C4 EUROQUARTZ-LPO8-C4 Datasheet
163Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
LPO8-C7 EUROQUARTZ-LPO8-C7 Datasheet
155Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
LPO14-C4 EUROQUARTZ-LPO14-C4 Datasheet
165Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
LPO42-C4 EUROQUARTZ-LPO42-C4 Datasheet
171Kb / 1P
   LOW POWER CONSUMPTION OSCILLATORS
logo
Integrated Device Techn...
3CN IDT-3CN Datasheet
239Kb / 2P
   CrystalFree Oscillators Ultra Low Power Oscillators
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com