Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4995A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4995A
Description  50mA to 600mA Programmable Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4995A Datasheet HTML 1Page - Maxim Integrated Products MAX4995A Datasheet HTML 2Page - Maxim Integrated Products MAX4995A Datasheet HTML 3Page - Maxim Integrated Products MAX4995A Datasheet HTML 4Page - Maxim Integrated Products MAX4995A Datasheet HTML 5Page - Maxim Integrated Products MAX4995A Datasheet HTML 6Page - Maxim Integrated Products MAX4995A Datasheet HTML 7Page - Maxim Integrated Products MAX4995A Datasheet HTML 8Page - Maxim Integrated Products MAX4995A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
50mA to 600mA Programmable
Current-Limit Switches
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = +3.3V, CIN = 1µF, COUT = 1µF, RSETI = 94.2kΩ, TA = +25°C, unless otherwise noted.)
QUIESCENT SUPPLY LIMIT
vs. TEMPERATURE
180
190
200
240
170
230
160
220
150
210
250
260
140
VIN = 5V
MAX4995AL
VIN = 3.3V
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
1.00
0.50
1.50
0.75
1.75
2.00
2.25
0.25
1.25
2.50
0
VIN = 5V
VIN = 3.3V
MAX4995AL
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
SHUTDOWN FORWARD CURRENT
vs. TEMPERATURE
50
70
40
30
20
10
60
80
0
VIN = 5V
VIN = 1.7V
MAX4995C
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
SHUTDOWN REVERSE CURRENT
vs. TEMPERATURE
150
100
125
200
75
50
25
175
225
0
VIN = 5V
MAX4995C
VOUT = 5.5V
VIN = 1.7V
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
0.9
1.1
1.2
1.3
1.4
0.8
0.7
0.6
1.0
1.5
0.5
MAX4995C
VIN = 3.3V
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
LATCHOFF CURRENT
vs. TEMPERATURE
18
14
16
12
10
8
20
6
VIN = 5V
MAX4995B
VIN = 3.3V
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
NORMALIZED ON-RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.2
4.7
2.7
3.7
4.2
3.2
1.010
1.000
1.020
1.005
1.025
1.030
1.035
0.995
0.990
0.985
1.015
1.040
0.980
1.7
5.2
MAX4995C
IOUT < ILIM
SWITCH TURN-ON TIME
vs. TEMPERATURE
140
130
120
170
160
150
110
180
100
VIN = 5V
VIN = 3.3V
MAX4995C
ILOAD = 10mA
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125
SWITCH TURN-OFF TIME
vs. TEMPERATURE
1.0
1.4
1.5
0.9
0.8
1.3
1.2
1.1
0.7
1.6
0.6
VIN = 5V
VIN = 3.3V
MAX4995C
ILOAD = 10mA
TEMPERATURE (
°C)
-25
5
-10
20
-40
50
80
65
95 110
35
125


Similar Part No. - MAX4995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A/AF/AL MAXIM-MAX4995A/AF/AL Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995AATA+T MAXIM-MAX4995AATA+T Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995AATA+T MAXIM-MAX4995AATA+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com