Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS904 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS904
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS904 Datasheet(HTML) 4 Page - STMicroelectronics

  TS904 Datasheet HTML 1Page - STMicroelectronics TS904 Datasheet HTML 2Page - STMicroelectronics TS904 Datasheet HTML 3Page - STMicroelectronics TS904 Datasheet HTML 4Page - STMicroelectronics TS904 Datasheet HTML 5Page - STMicroelectronics TS904 Datasheet HTML 6Page - STMicroelectronics TS904 Datasheet HTML 7Page - STMicroelectronics TS904 Datasheet HTML 8Page - STMicroelectronics TS904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ =5V, VCC- =0V, RL,CL connected to VCC/2 ,pin 8 and pin 9 connected to VCC+,Tamb =25oC
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Vic =Vo =VCC/2)
TS904
TS904A
Tmin.
≤ Tamb ≤ Tmax.
TS904
TS904A
10
5
12
7
mV
DVio
Input Offset Voltage Drift
5
µV/oC
Iio
Input Offset Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
100
200
pA
Iib
Input Bias Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
150
300
pA
ICC
Supply Current (per amplifier, AVCL = 1, no load)
Tmin.
≤ Tamb ≤ Tmax.
230
350
450
µA
CMR
Common Mode Rejection Ratio
Vic = 1.5 to 3.5V, Vo = 2.5V
50
75
dB
SVR
Supply Voltage Rejection Ratio (VCC
+ = 3 to 5V, V
O =VCC /2)
50
80
dB
Avd
Large Signal Voltage Gain (RL = 10k
Ω,VO = 1.5V to 3.5V)
Tmin.
≤ Tamb ≤ Tmax.
10
7
30
V/mV
VOH
High Level Output Voltage (Vid = 1V)
RL = 10k
RL = 600
RL = 100
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
RL = 600
4.9
4.25
4.8
4.1
4.95
4.65
3.7
V
VOL
Low Level Output Voltage (Vid = -1V
RL = 10k
RL = 600
RL = 100
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
RL = 600
50
350
1400
100
500
150
750
mV
Io
Output Short Circuit Current (Vid =
±1V)
Source
(Vo =VCC
)
Sink
(Vo =VCC
+)
45
45
60
60
mA
GBP
Gain Bandwidth Product
(AVCL = 100, RL = 10k
Ω,CL = 100pF, f = 100kHz)
0.9
MHz
SR
+
Positive Slew Rate (AVCL =1, RL = 10k
Ω,CL = 100pF, Vi =1V to 4V)
0.8
V/
µs
SR
-
Negative Slew Rate (AVCL =1, RL = 10k
Ω,CL = 100pF, Vi =1V to 4V)
0.5
V/
µs
∅m
Phase Margin
30
Degrees
Note 1 : Maximum values including unavoidable inaccuracies of the industrial test.
TS904
4/12


Similar Part No. - TS904

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000 TSC-TS9000 Datasheet
276Kb / 6P
   300mA CMOS LDO
TS9000AKCT TSC-TS9000AKCT Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000AKCX TSC-TS9000AKCX Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000AKCY TSC-TS9000AKCY Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
April 1999
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com