Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4928BETN+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4928BETN+
Description  DisplayPort/PCIe Passive Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4928BETN+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4928BETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 9Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 10Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 11Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 12Page - Maxim Integrated Products MAX4928BETN+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DisplayPort/PCIe Passive Switches
______________________________________________________________________________________
11
VDD
GND
D0+
D0-
IN0+
SEL
IN0-
D1+
D1-
D2+
D2-
IN1+
IN1-
D3+
D3-
HPD1
HPD2
IN2+
IN2-
AUX+
AUX-
TX0+
TX0-
IN3+
IN3-
TX1+
TX1-
TX2+
TX2-
X+
X-
TX3+
TX3-
RX1+
RX1-
OUT+
OUT-
RX0+
RX0-
LE
GRAPHICS AND
MEMORY
CONTROLLER HUB
PCIe GRAPHICS CONNECTOR
PCIe BUFF 1
PCIe BUFF 2
PCIe BUFF 3
PCIe BUFF 4
PCIe IN
AUX
CHANNEL SELECT
DP CONNECTOR
D0
D1
D2
D3
D4
D5
D6
D7
HPD
AUX
AUX
VCC
1.5k
Ω
100k
Ω
MAX4928A
MAX4928B
VCC = 1V
SUPPLY VOLTAGE VCC = 1V
Typical Operating Circuit


Similar Part No. - MAX4928BETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4920B MAXIM-MAX4920B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4920BETD+T MAXIM-MAX4920BETD+T Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921B MAXIM-MAX4921B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921BETD+T MAXIM-MAX4921BETD+T Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
More results

Similar Description - MAX4928BETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4998 MAXIM-MAX4998 Datasheet
1Mb / 10P
   Two-Lane and Four-Lane DisplayPort Passive Switches with Separate AUX/HPD Control
Rev 0; 10/09
logo
NXP Semiconductors
CBTL06122 NXP-CBTL06122 Datasheet
112Kb / 19P
   High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
   2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
logo
ON Semiconductor
NCN3612B ONSEMI-NCN3612B Datasheet
631Kb / 11P
   6-Channel Differential 1:2 Switch for PCIe 3.0 and DisplayPort 1.2
September, 2011 ??Rev. 0
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
   Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
logo
Molex Electronics Ltd.
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
   DisplayPort*-to-DisplayPort* Cable Assembly
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
   DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
   Mini DisplayPort to DisplayPort Cable - 6ft
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
   Mini DisplayPort*(Plug)-to-Mini DisplayPort
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com