Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5134AGTG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5134AGTG+
Description  Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5134AGTG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5134AGTG+ Datasheet HTML 2Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 3Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 4Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 5Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 6Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 7Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 8Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 9Page - Maxim Integrated Products MAX5134AGTG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Pin-/Software-Compatible,
16-/12-Bit, Voltage-Output DACs
6
_______________________________________________________________________________________
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
80
060
-20
40
100
-0.6
-0.3
-0.5
-0.2
-0.4
-0.1
0
VAVDD = 2.7V
VREFI = 2.5V
VAVDD = 5.25V
VREFI = 5V
GAIN ERROR vs.
ANALOG SUPPLY VOLTAGE
AVDD ( V )
2.7
3.7
4.7
3.2
4.2
5.2
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
80
060
-20
40
100
0.070
0.080
0.076
0.082
0.078
0.072
0.074
0.084
0.086
VAVDD = 2.7V
VAVDD = 5.25V
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
1100
1300
1500
1700
1900
2100
2300
2500
900
2.7
5.2
VOUT_ = 0
(MAX5136/MAX5137)
VOUT_ = VREFO
(MAX5136/MAX5137)
VOUT_ = 0 (MAX5134/MAX5135)
VOUT_ = VREFO (MAX5134/MAX5135)
ANALOG SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
80
60
40
-40
-20
500
1000
1500
2000
2500
3000
0
0
100
IDVDD
IAVDD (MAX5136/MAX5137)
IAVDD (MAX5134/MAX5135)
ANALOG SUPPLY CURRENT vs. SUPPLY VOLTAGE
(POWER-DOWN MODE)
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
2.7
5.2
TA = +25
°C
TA = -40
°C
TA = +105
°C
EXITING/ENTERING
POWER-DOWN MODE
MAX5134-MAX5137 toc16
4µs/div
CH1
CH0
500mV/div
500mV/div
MAJOR CODE TRANSITION
MAX5134-MAX5137 toc17
1µs/div
10mV/div
SETTLING TIME UP
MAX5134-MAX5137 toc18
400ns/div
500mV/div
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5134AGTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134AGTG++ MAXIM-MAX5134AGTG+ Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
More results

Similar Description - MAX5134AGTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
   Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
logo
Analog Devices
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com