Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5135GTG+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5135GTG+
Description  Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5135GTG+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5135GTG+ Datasheet HTML 7Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 8Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 9Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 10Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 11Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 12Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 13Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 14Page - Maxim Integrated Products MAX5135GTG+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Pin-/Software-Compatible,
16-/12-Bit, Voltage-Output DACs
______________________________________________________________________________________
11
SCLK
DIN
READY*
CS
SI*
I/O
SO
SK
MICROWIRE
PORT
*THE READY-TO-SI CONNECTION IS NOT REQUIRED FOR WRITING TO THE DEVICES
*BUT MAY BE USED FOR TRANSMISSION VERIFICATION.
MAX5134–
MAX5137
Figure 2. Connections for MICROWIRE
The MAX5134/MAX5136 DAC code is unipolar binary
with VOUT_ = (code/65,536) x VREF. The MAX5135/
MAX5137 DAC code is unipolar binary with VOUT_ =
(code/4096) x VREF. See Table 1 for the serial interface
commands.
Connect the MAX5134–MAX5137 DVDD supply to the
supply of the host DSP or microprocessor. The AVDD
supply may be set to any voltage within the operating
range of 2.7V to 5.25V, but must be greater than or
equal to the DVDD supply.
Writing to the Devices
Write to the MAX5134–MAX5137 using the following
sequence:
1) Drive CS low, enabling the shift register.
2) Clock 24 bits of data into DIN (C7 first and D0 last),
observing the specified setup and hold times. Bits
D15–D0 are the data bits that are written to the
internal register.
3) After clocking in the last data bit, drive CS high. CS
must remain high for 33ns before the next transmis-
sion is started.
Figure 1 shows a write operation for the transmission of
24 bits. If CS is driven high at any point prior to receiving
24 bits, the transmission is discarded.
READY
Connect READY to a microcontroller (µC) input to moni-
tor the serial interface for valid communications. The
READY pulse appears 24 clock cycles after the nega-
tive edge of CS (Figure 4). Since the MAX5134–
MAX5137 look at the first 24 bits of the transmission fol-
lowing the falling edge of CS, it is possible to daisy
chain devices with different command word lengths.
READY goes high 16ns after CS is driven high.
READY*
DIN
SCLK
CS
SCK
SS
I/O
MOSI
+5V
MISO*
SPI/QSPI
PORT
*THE READY-TO-MISO CONNECTION IS NOT REQUIRED FOR WRITING TO THE
DEVICES BUT MAY BE USED FOR TRANSMISSION VERIFICATION.
MAX5134–
MAX5137
Figure 3. Connections for SPI/QSPI
CS
DIN
SCLK
READY 1
READY 3
READY 2
123
24
22
21
20
4
3
2
1
23
24
22
21
5
4
3
2
1
23
24
22
21
5
4
3
2
SLAVE 1 DATA
SLAVE 2 DATA
SLAVE 3 DATA
Figure 4. READY Timing


Similar Part No. - MAX5135GTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5135GTG++ MAXIM-MAX5135GTG+ Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
More results

Similar Description - MAX5135GTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
   Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
logo
Analog Devices
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com