Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5893 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5893
Description  12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5893 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5893_08 Datasheet HTML 1Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 2Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 3Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 4Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 5Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 6Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 7Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 8Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
12-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK input mode, dual-port
mode, 50
Ω double-terminated outputs, external reference at 1.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fOUT = 10MHz
90
fOUT = 30MHz
83
fDATACLK = 125MHz,
interpolation off, 0dBFS
fOUT = 50MHz
72
fOUT = 10MHz
77
88
fOUT = 30MHz
83
fDATACLK = 125MHz,
2x interpolation, 0dBFS
fOUT = 50MHz
84
fOUT = 10MHz
90
fOUT = 30MHz
84
In-Band SFDR
(DC to fDATA/2)
SFDR
fDATACLK = 125MHz,
4x interpolation, 0dBFS
fOUT = 50MHz
86
dBc
No interpolation
-100
2x interpolation
-100
fDATACLK = 125MHz,
fOUT1 = 9MHz, fOUT2 =
10MHz, -6.1dBFS
4x interpolation
-100
2x interpolation,
fIM/4 complex
modulation
-73
fDATA = 125MHz, fOUT1
= 79MHz, fOUT2 =
80MHz, -6.1dBFS
4x interpolation,
fIM/4 complex
modulation
-75
fDATACLK = 62.5MHz,
fOUT1 = 9MHz, fOUT2 =
10MHz, -6.1dBFS
8x interpolation
-99
fDATACLK = 62.5MHz,
fOUT1 = 69MHz, fOUT2
= 70MHz, -6.1dBFS
8x interpolation,
fIM/4 complex
modulation
-67
Two-Tone IMD
TTIMD
fDATACLK = 62.5MHz,
fOUT1 = 179MHz, fOUT2
= 180MHz, -6.1dBFS
8x, highpass
interpolation,
fIM/4 complex
modulation
-62
dBc
Four-Tone IMD
FTIMD
fDATACLK = 125MHz, fOUT spaced 1MHz
apart from 32MHz, -12dBFS, 2x
interpolation
-93
dBc
4x interpolation
74
fDATACLK = 61.44MHz,
fOUT = baseband
8x interpolation
73
fDATACLK =
122.88MHz, fOUT =
61.44MHz
2x interpolation,
fIM/4 complex
modulation
73
ACLR for WCDMA
(Note 3)
ACLR
fDATACLK =
122.88MHz, fOUT =
122.88MHz
4x interpolation,
fIM/4 complex
modulation
69
dB


Similar Part No. - MAX5893_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5893EGK MAXIM-MAX5893EGK Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
More results

Similar Description - MAX5893_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com