Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5893 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5893
Description  12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5893 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5893_08 Datasheet HTML 1Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 2Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 3Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 4Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 5Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 6Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 7Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 8Page - Maxim Integrated Products MAX5893_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
12-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK input mode, dual-port
mode, 50
Ω double-terminated outputs, external reference at 1.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Propagation Delay
tPD
1x interpolation (Note 4)
2.9
ns
Output Rise Time
tRISE
10% to 90% (Note 5)
0.75
ns
Output Fall Time
tFALL
10% to 90% (Note 5)
1
ns
Output Settling Time
To 0.5% (Note 5)
11
ns
Output Bandwidth
-1dB bandwidth (Note 6)
240
MHz
Passband Width
Ripple < -0.01dB
0.4 x
fDATA
0.604 x fDATA, 2x interpolation
100
0.604 x fDATA, 4x interpolation
100
Stopband Rejection
0.604 x fDATA, 8x interpolation
100
dB
1x interpolation
22
2x interpolation
70
4x interpolation
146
Data Latency
8x interpolation
311
Clock
Cycles
DAC INTERCHANNEL MATCHING
Gain Match
∆Gain
fOUT = DC - 80MHz, IOUTFS = 20mA
±0.1
dB
Gain-Match Tempco
∆Gain/°C IOUTFS = 20mA
±0.02
ppm/°C
Phase Match
∆Phase
fOUT = 60MHz, IOUTFS = 20mA
±0.13
Deg
Phase-Match Tempco
∆Phase/°C fOUT = 60MHz, IOUTFS = 20mA
±0.006
Deg/°C
DC Gain Match
IOUTFS = 20mA
-0.2
±0.04
+0.2
dB
Channel-to-Channel Crosstalk
fOUT = 50MHz, fDAC = 250MHz, 0dBFS
-90
dB
REFERENCE
Reference Input Range
0.125
1.250
V
Reference Output Voltage
VREFIO
Internal reference
1.14
1.20
1.27
V
Reference Input Resistance
RREFIO
10
k
Reference Voltage Drift
±50
ppm/°C
CMOS LOGIC INPUT/OUTPUT (A11–A0, SELIQ/B11, DATACLK/B10, B9–B0, DATACLK)
Input High Voltage
VIH
0.7 x
DVDD1.8
V
Input Low Voltage
VIL
0.3 x
DVDD1.8
V
Input Current
IIN
±1
±20
µA
Input Capacitance
CIN
3pF


Similar Part No. - MAX5893_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5893EGK MAXIM-MAX5893EGK Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
More results

Similar Description - MAX5893_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com