Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5894 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5894
Description  14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5894 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5894_08 Datasheet HTML 7Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 8Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 9Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 10Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 11Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 12Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 13Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 14Page - Maxim Integrated Products MAX5894_08 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
14-Bit, 500Msps, Interpolating and Modulating
Dual DAC with CMOS Inputs
______________________________________________________________________________________
11
Pin Description (continued)
Functional Diagram
PIN
NAME
FUNCTION
53, 67
AVDD1.8
Low Analog Power Supply. Accepts a 1.71V to 1.89V supply range. Bypass each pin to GND with
a 0.1µF capacitor as close to the pin as possible.
54, 56, 59, 61,
64, 66
GND
Ground
55, 60, 65
AVDD3.3
Analog Power Supply. Accepts a 3.135V to 3.465V supply range. Bypass each pin to GND with a
0.1µF capacitor as close to the pin as possible.
57
OUTQN
Inverting Differential DAC Current Output for Q-Channel
58
OUTQP
Noninverting Differential DAC Current Output for Q-Channel
62
OUTIN
Inverting Differential DAC Current Output for I-Channel
63
OUTIP
Noninverting Differential DAC Current Output for I-Channel
68
AVCLK
Clock Power Supply. Accepts a 3.135V to 3.465V supply range. Bypass to ground with a 0.1µF
capacitor as close to the pin as possible.
EP
Exposed Pad. Must be connected to GND through a low-impedance path.
IDAC
OUTIP
OUTIN
QDAC
OUTQP
OUTQN
SELIQ
A0–A13
B0–B13
DATACLK
SERIAL INTERFACE
CONTROL REGISTERS
REFERENCE
MODULATOR
CLOCK BUFFERS
AND DIVIDERS
CLKP
CLKN
RESET
fCLK
fDAC
fDAC
Q
I
Q
I
DIGITAL
OFFSET
ADJUST
DIGITAL
OFFSET
ADJUST
DIGITAL
GAIN
ADJUST
/2
/2
DOUT
DIN
CS
SCLK
DACREF
FSADJ
REFIO
fIM/2, fIM/4
DIGITAL
GAIN
ADJUST
/2
/2
MAX5894


Similar Part No. - MAX5894_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
More results

Similar Description - MAX5894_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5893 MAXIM-MAX5893_08 Datasheet
289Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com