Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5135 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5135
Description  Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5135 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5135 Datasheet HTML 1Page - Maxim Integrated Products MAX5135 Datasheet HTML 2Page - Maxim Integrated Products MAX5135 Datasheet HTML 3Page - Maxim Integrated Products MAX5135 Datasheet HTML 4Page - Maxim Integrated Products MAX5135 Datasheet HTML 5Page - Maxim Integrated Products MAX5135 Datasheet HTML 6Page - Maxim Integrated Products MAX5135 Datasheet HTML 7Page - Maxim Integrated Products MAX5135 Datasheet HTML 8Page - Maxim Integrated Products MAX5135 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin-/Software-Compatible,
16-/12-Bit, Voltage-Output DACs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC OUTPUT VOLTAGE (Note 2)
Output Voltage Range
No load
0.02
AVDD
- 0.02
V
DC Output Impedance
0.1
Series resistance = 0
0.2
nF
Maximum Capacitive Load
(Note 5)
CL
Series resistance = 500
15
µF
Resistive Load
RL
2k
AVDD = 5.25V
±35
Short-Circuit Current
ISC
AVDD = 2.7V
-40
±20
+40
mA
Power-Up Time
From power-down mode
25
µs
DIGITAL INPUTS (SCLK, DIN, CS, LDAC) (Note 6)
Input High Voltage
VIH
0.7 x
DVDD
V
Input Low Voltage
VIL
0.3 x
DVDD
V
Input Leakage Current
IIN
VIN = 0 or DVDD
-1
±0.1
+1
µA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS (READY)
Output High Voltage
VOH
ISOURCE = 3mA
DVDD
- 0.5
V
Output Low Voltage
VOL
ISINK = 2mA
0.4
V
DYNAMIC PERFORMANCE
Voltage-Output Slew Rate
SR
Positive and negative
1.25
V/µs
Voltage-Output Settling Time
tS
1/4 scale to 3/4 scale VREFI = AVDD = 5V
settle to ±2 LSB (Note 5)
5µs
Digital Feedthrough
Code 0, all digital inputs from 0 to DVDD
0.5
nV•s
Major Code Transition Analog
Glitch Impulse
12
nV•s
Output Noise
10kHz
120
nV/
√Hz
Integrated Output Noise
1Hz to 10kHz
18
µV
DAC-to-DAC Crosstalk
25
nV•s
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = 2.7V to 5.25V, VDVDD = 2.7V to 5.25V, VAVDD ≥ VDVDD, VGND = 0, VREFI = VAVDD - 0.25V, COUT = 200pF, ROUT = 10kΩ,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX5135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5135 MAXIM-MAX5135 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5135 MAXIM-MAX5135 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
MAX5135GTG++ MAXIM-MAX5135GTG+ Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5135GUE++ MAXIM-MAX5135GUE+ Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
More results

Similar Description - MAX5135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
   Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
logo
Analog Devices
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com