Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5894 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5894
Description  14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5894 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5894 Datasheet HTML 4Page - Maxim Integrated Products MAX5894 Datasheet HTML 5Page - Maxim Integrated Products MAX5894 Datasheet HTML 6Page - Maxim Integrated Products MAX5894 Datasheet HTML 7Page - Maxim Integrated Products MAX5894 Datasheet HTML 8Page - Maxim Integrated Products MAX5894 Datasheet HTML 9Page - Maxim Integrated Products MAX5894 Datasheet HTML 10Page - Maxim Integrated Products MAX5894 Datasheet HTML 11Page - Maxim Integrated Products MAX5894 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
14-Bit, 500Msps, Interpolating and Modulating
Dual DAC with CMOS Inputs
8
_______________________________________________________________________________________
GAIN MISMATCH vs. TEMPERATURE
fDATA = 125Mwps, 2x INTERPOLATION
TEMPERATURE (
°C)
60
35
10
-15
0.025
0.050
0.075
0.100
0
-40
85
fOUT = 22.7MHz
AOUT = -6dBFS
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
12,288
8192
4096
-0.50
-0.25
-0.75
0.25
0.50
0
0.75
1.00
-1.00
0
16,384
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
12,288
8192
4096
-0.5
1.0
-1.5
0
1.5
-1.0
0.5
2.0
-2.0
0
16,384
SUPPLY CURRENT vs. DAC UPDATE RATE
2x INTERPOLATION, fOUT = 5MHz
fDAC (MHz)
250
200
150
50
100
150
200
250
300
350
400
450
500
0
100
300
1.8V TOTAL
3.3V TOTAL
SUPPLY CURRENT vs. DAC UPDATE RATE
4x INTERPOLATION, fOUT = 5MHz
fDAC (MHz)
400
300
200
50
100
150
200
250
300
350
400
450
500
0
100
500
1.8V TOTAL
3.3V TOTAL
SUPPLY CURRENT vs. DAC UPDATE RATE
8x INTERPOLATION, fOUT = 5MHz
fDAC (MHz)
400
300
200
50
100
150
200
250
300
350
400
450
500
0
100
500
1.8V TOTAL
3.3V TOTAL
Typical Operating Characteristics (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, output is transformer-coupled to
50
Ω load, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5894

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5894 MAXIM-MAX5894 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5894 MAXIM-MAX5894 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5894EGK+D MAXIM-MAX5894EGK+D Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5894EGK-D MAXIM-MAX5894EGK-D Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
More results

Similar Description - MAX5894

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5893 MAXIM-MAX5893_08 Datasheet
289Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com