Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5895EGK-D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5895EGK-D
Description  16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5895EGK-D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5895EGK-D Datasheet HTML 6Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 7Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 8Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 9Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 10Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 11Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 12Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 13Page - Maxim Integrated Products MAX5895EGK-D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
16-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
CLKP
Noninverting Differential Clock Input
2
CLKN
Inverting Differential Clock Input
3, 4, 5
N.C.
Internally Connected. Do not connect.
6, 21, 30, 37
DVDD1.8
Digital Power Supply. Accepts a 1.71V to 1.89V supply range. Bypass each pin to ground with a
0.1µF capacitor as close to the pin as possible.
7–12, 15–20,
22–25
A15–A0
A-Port Data Inputs.
Dual-port mode:
I-channel data input. Data is latched on the rising/falling edge (programmable) of the DATACLK.
Single-port mode:
I-channel and Q-channel data input, with SELIQ.
13, 44
DVDD3.3
CMOS I/O Power Supply. Accepts a 3.0V to 3.6V supply range. Bypass each pin to ground with a
0.1µF capacitor as close to the pin as possible.
14
DATACLK
Programmable Data Clock Input/Output. See the DATACLK Modes section for details.
26
SELIQ/B15
Select I/Q-Channel Input or B-Port MSB Input.
Single-port mode:
If SELIQ = LOW, data is latched into Q-channel on the rising/falling edge (programmable) of
the DATACLK.
If SELIQ = HIGH, data is latched into I-channel on the rising/falling edge (programmable) of the
DATACLK.
Dual-port mode:
Q-channel MSB input.
27
DATACLK/B14
Alternate DATACLK Input/Output or B-Port Bit 14 Input.
Single-port mode:
See the DATACLK Modes section for details.
Dual-port mode:
Q-channel bit 14 input.
If unused connect to GND.
28, 29, 31–36,
38–43
B13–B0
B-Port Data Bits 13–0.
Dual-port mode:
Q-channel inputs. Data is latched on the rising/falling (programmable) edge of the DATACLK.
Single-port mode:
Connect to GND.
45
SDO
Serial-Port Data Output
46
SDI
Serial-Port Data Input
47
SCLK
Serial-Port Clock Input. Data on SDI is latched on the rising edge of SCLK.
48
CS
Serial-Port Interface Select. Drive CS low to enable serial-port interface.
49
RESET
Reset Input. Set RESET low during power-up.
50
REFIO
Reference Input/Output. Bypass to ground with a 1µF capacitor as close to the pin as possible.
51
DACREF
Current-Set Resistor Return Path. For a 20mA full-scale output current, connect a 2k
Ω resistor
between FSADJ and DACREF. Internally connected to GND. Do not use as an external ground
connection.
52
FSADJ
Full-Scale Adjust Input. This input sets the full-scale output current of the DAC. For a 20mA full-
scale output current, connect a 2k
Ω resistor between FSADJ and DACREF.


Similar Part No. - MAX5895EGK-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895EGK MAXIM-MAX5895EGK Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
More results

Similar Description - MAX5895EGK-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893_08 Datasheet
289Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com