Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8521EBX Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8521EBX
Description  Smallest TEC Power Drivers for Optical Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521EBX Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8521EBX Datasheet HTML 5Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 6Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 7Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 8Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 9Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 10Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 11Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 12Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
_______________________________________________________________________________________
9
PIN
TQFN
UCSP
NAME
FUNCTION
10
A5
CTLI
TEC Current-Control Input. Sets TEC current. Center point is 1.50V (no TEC current). The
current is given by:
ITEC = (VOS1 - VCS) / RSENSE = (VCTLI - 1.50) / (10 x RSENSE). When (VCTLI - VREF) > 0
then VOS2 > VOS1 > VCS.
11
A6
GND
Analog Ground. Star connect to PGND at underside exposed pad for TQFN package.
12
B6
VDD
Analog Supply Voltage Input. Bypass VDD to GND with a 1µF ceramic capacitor.
For MAX8520: Analog FREQ Set Pin (see the Switching Frequency section).
13
C5
FREQ
For MAX8521: Digital FREQ Selection Pin. Connect to VDD for 1MHz operation, connect to
GND for 500kHz operation. The PWM oscillator can synchronize to FREQ by switching at
FREQ between 700kHz and 1.2MHz.
14
D6, D5, D4
PGND2
Power Ground 2. Internal synchronous rectifier ground connection. Connect all PGND
pins together at the power ground plane.
15
E5, E6
LX2
Inductor Connection. LX2 is high-impedance in shutdown.
16
F5, F6
PVDD2
Power Input 2. Connect all PVDD inputs together at the VDD power plane.
17
F4
CS
Current-Sense Input. The current through the TEC is monitored between CS and OS1. The
maximum TEC current is given by 150mV/RSENSE and is bipolar.
18
C6
OS2
Output Sense 2. OS2 senses one side of the differential TEC voltage. OS2 is a sense
point, not a power output. OS2 discharges to ground in shutdown.
19
F3
OS1
Output Sense 1. OS1 senses one side of the differential TEC voltage. OS1 is a sense
point, not a power output. OS1 discharges to ground in shutdown.
20
F1, F2
PVDD1
Power Input 1. Connect all PVDD inputs together at the VDD power plane.
B2, B5, C3,
C4
GND2
Ground. Additional ground pads aid in heat dissipation. Short to either GND or PGND
plane.
B3, B4
E3, E4
N.C.
No Connect. Connect N.C. pads to GND2 to aid in heat dissipation.
——
EP
Exposed Paddle (TQFN Only). Internally connected to GND. Connect to a large ground
plane to maximize thermal performance. Not intended as an electrical connection point.
Pin Description (continued)


Similar Part No. - MAX8521EBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8521EBX MAXIM-MAX8521EBX Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8521EBX MAXIM-MAX8521EBX Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
More results

Similar Description - MAX8521EBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
TT Electronics.
MFP TTELEC-MFP Datasheet
331Kb / 2P
   Smallest size for power rating
MFR4P TTELEC-MFR4P Datasheet
343Kb / 2P
   smallest size for power rating
logo
List of Unclassifed Man...
80C01 ETC-80C01 Datasheet
182Kb / 12P
   OPTICAL SAMPLING MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com