Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HSR53G-A-25.000-X Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 28HSR53G-A-25.000-X
Description  5 x 3.2mm SMD Sine Wave Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

28HSR53G-A-25.000-X Datasheet(HTML) 1 Page - EUROQUARTZ limited

  28HSR53G-A-25.000-X Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
5 x 3.2mm SMD Sine Wave Clock Oscillator
HSR53 sine wave clock oscillators provide a true sine wave out output
while being packaged in the industry-standard, 5 x 3.2mm SMD
outline package. The oscillator is capable of being produced with
close tolerances and exhibits low current consumption.
Sine Wave output in miniature SMD package
Output 10k //10pF load, level 1.0V peak to peak
Harmonics -25dBc maximum
Very low current consumption <1.0mA at 2.8V supply
FEATURES
OUTLINE & DIMENSIONS
Frequency Range:
10.0MHz to 30.0MHz
Input Voltage:
+2.8 VDC, +3.3 VDC or +5.0 VDC
Output Wave Form:
True sine wave
Frequency Stability
Commercial 0~70°C:
±25ppm, ±50ppm or ±100ppm*
Industrial -40 ~+85°C: ±25ppm, ±50ppm or ±100ppm*
Output Level:
10k //10pF load, level 1.0V p-p
Harmonics:
-25dBc maximum
Phase Noise:
-130 dBC/Hz at 1kHz offset
Current Consumption
Supply 2.8 VDC:
1.0mA
Supply 3.3 VDC:
1.1mA
Supply 5.0 VDC:
1.2mA
Start-up Time:
2.0ms typical
Storage Temperature:
-55° to +125°C
Sub-Harmonics:
None
Ageing:
±5ppm/year
Enable/Disable Option:
Output is high impedance when pad 1
is taken LOW.
Disable time:
150ns maximum
(Add 'T' to the part number code for
this option.)
RoHS Status:
Fully compliant
SPECIFICATION
* Non-standard frequency stability is available, check with sales.
Example:
3HSR53-B-T-25.000-X
PART NUMBERING
Supply Voltage
28 = 2.8 Volts
3 = 3.3 Volts
5 = 5.0 Volts
Series Designation HSR53
Stability
A = ±25ppm 0° to +70°C
B = ±50ppm 0° to +70°C
C = ±100ppm 0° to +70°C
D = ±25ppm -40° to +85°C
E = ±50ppm -40° to +85°C
F = ±100ppm -40° to +85°C
Enable/Disable Option
Blank = Not implemented
T = Option implemented
Frequency
Customer-Specific Code
(Included if specified by
engineering department.)
SOLDER TEMPERATURE PROFILE
HSR53 Sine Wave Oscillators
DESCRIPTION


Similar Part No. - 28HSR53G-A-25.000-X

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
28HSR57-A-T-25.000-X EUROQUARTZ-28HSR57-A-T-25.000-X Datasheet
103Kb / 1P
   7 x 5mm SMD Sine Wave Clock Oscillator
28HSR57-B-T-25.000-X EUROQUARTZ-28HSR57-B-T-25.000-X Datasheet
103Kb / 1P
   7 x 5mm SMD Sine Wave Clock Oscillator
28HSR57-C-T-25.000-X EUROQUARTZ-28HSR57-C-T-25.000-X Datasheet
103Kb / 1P
   7 x 5mm SMD Sine Wave Clock Oscillator
28HSR57-D-T-25.000-X EUROQUARTZ-28HSR57-D-T-25.000-X Datasheet
103Kb / 1P
   7 x 5mm SMD Sine Wave Clock Oscillator
28HSR57-E-T-25.000-X EUROQUARTZ-28HSR57-E-T-25.000-X Datasheet
103Kb / 1P
   7 x 5mm SMD Sine Wave Clock Oscillator
More results

Similar Description - 28HSR53G-A-25.000-X

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HSR57 EUROQUARTZ-HSR57 Datasheet
103Kb / 1P
   7 x 5mm SMD Sine Wave Clock Oscillator
XOK53 EUROQUARTZ-XOK53 Datasheet
238Kb / 1P
   5 x 3.2mm SMD Low Power Consumption Clock Oscillator
logo
QUARTZCOM the communica...
MCO-SW-S-G8P QUARTZCOM-MCO-SW-S-G8P Datasheet
114Kb / 1P
   SMD Clock Oscillator Sine wave Low Jitter < 0.3 ps.
logo
EUROQUARTZ limited
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
   5 x 3.2 x 1.2mm SMD Sine Wave VCXO
GSR57 EUROQUARTZ-GSR57 Datasheet
101Kb / 1P
   7 x 5 x1.8mm SMD Sine Wave VCXO
XO53 EUROQUARTZ-XO53 Datasheet
243Kb / 1P
   5 x 3.2mm Low Power Consumption Clock Oscillator
XOE53 EUROQUARTZ-XOE53 Datasheet
173Kb / 1P
   5 x 3.2mm SMD Tight Tolerance Oscillator
HJ53 EUROQUARTZ-HJ53 Datasheet
183Kb / 2P
   5 x 3.2mm SMD Dual Frequency Oscillator
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
Fox Electronics
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com