Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8625AETD+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8625AETD+
Description  High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8625AETD+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8625AETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 9Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 10Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 11Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 12Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 13Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 14Page - Maxim Integrated Products MAX8625AETD+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Efficiency, Seamless Transition,
Step-Up/Down DC-DC Converter
______________________________________________________________________________________
11
or oscillation between the boost and buck modes as
seen in other step-up/down converters. See the switch-
ing waveforms for each of the three modes and transi-
tion waveforms in the
Typical Operating Characteristics
section.
Forced-PWM Mode
Drive SKIP high to operate the MAX8625A in forced-
PWM mode. In this mode, the IC operates at a constant
1MHz switching frequency with no pulse skipping. This
scheme is desirable in noise-sensitive applications
because the output ripple is minimized and has a pre-
dictable noise spectrum. Forced PWM consumes higher
supply current at light loads due to constant switching.
Skip Mode
Drive SKIP low to operate the MAX8625A in skip mode
to improve light-load efficiency. In skip mode, the IC
switches only as necessary to maintain the output at
light loads, but still operates with fixed-frequency PWM
at medium and heavy loads. This maximizes light-load
efficiency and reduces the input quiescent current to
37µA (typ).
Do not dynamically transition between skip and FPWM.
The MAX8625A is not designed for dynamic transitions
between FPWM and skip modes. Spikes of negative
inductor current are possible when making these types
of dynamic transitions. The magnitude of the spike
depends on the load and output capacitance. The
MAX8625A has no protection against these types of
negative current spikes.
Load Regulation and Transient Response
During a load transient, the output voltage instantly
changes due to the ESR of the output capacitors by an
amount equal to their ESR times the change in load
current (
ΔVOUT = RESR x ΔILOAD). The output voltage
then deviates further based on the speed at which the
loop compensates for the load step. Increasing the out-
put capacitance reduces the output-voltage droop. See
the
Capacitor Selection section. The typical application
circuit limits the output transient droop to less than 3%.
See the
Typical Operating Characteristics section.
Soft-Start
Soft-start prevents input inrush current during startup.
Internal soft-start circuitry ramps the peak inductor cur-
rent with an internal DAC in 8ms. Once the output
reaches regulation, the current limit immediately jumps
to the maximum threshold. This allows full load capabil-
ity as soon as regulation is reached, even if it occurs
before the 8ms soft-start time is complete.
When using the MAX8625A at low input voltages (close
to UVLO and < 3V), it is recommended that the ON pin
should not be tied to the BATT or supply voltage node
directly. The ON pin should be held low for > 1ms after
power to the MAX8625A is applied before it is driven
high for normal operation.
Shutdown
Drive ON low to place the MAX8625A in shutdown
mode and reduce supply current to less than 1µA.
During shutdown, OUT is disconnected from IN, and
LX1 and LX2 are connected to GND. Drive ON high for
normal operation.
Fault and Thermal Shutdown
The MAX8625A contains current-limit and thermal shut-
down circuitry to protect the IC from fault conditions.
When the inductor current exceeds the current limit (2A
for the MAX8625A), the converter immediately enters
phase 3 and an internal 100ms timer starts. The con-
verter continues to commutate through the three phas-
es, spending most of its time in phase 1 and phase 3. If
the overcurrent event continues and the output is out of
regulation for the duration of the 100ms timer, the IC
enters shutdown mode and the output latches off. ON
must then be toggled to clear the fault. If the overload
is removed before the 100ms timer expires, the timer is
cleared and the converter resumes normal operation.
The thermal-shutdown circuitry disables the IC switching
if the die temperature exceeds +165°C. The IC begins
soft-start once the die temperature cools by 15°C.


Similar Part No. - MAX8625AETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625AETD++ MAXIM-MAX8625AETD+ Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625AETD++ MAXIM-MAX8625AETD+ Datasheet
488Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 3; 12/08
MAX8625AETD++ MAXIM-MAX8625AETD+ Datasheet
550Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 4; 4/09
MAX8625AETD++ MAXIM-MAX8625AETD+ Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
More results

Similar Description - MAX8625AETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625A MAXIM-MAX8625A_09 Datasheet
550Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 4; 4/09
MAX8625A_0812 MAXIM-MAX8625A_0812 Datasheet
488Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 3; 12/08
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com