Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS914 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS914
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 3 Page - STMicroelectronics

  TS914 Datasheet HTML 1Page - STMicroelectronics TS914 Datasheet HTML 2Page - STMicroelectronics TS914 Datasheet HTML 3Page - STMicroelectronics TS914 Datasheet HTML 4Page - STMicroelectronics TS914 Datasheet HTML 5Page - STMicroelectronics TS914 Datasheet HTML 6Page - STMicroelectronics TS914 Datasheet HTML 7Page - STMicroelectronics TS914 Datasheet HTML 8Page - STMicroelectronics TS914 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ =3V, VCC- =0V, RL,CL connectedto VCC/2, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TS914I/AI
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (Vic =Vo =VCC/2)
TS914
TS914A
Tmin.
≤ Tamb ≤ Tmax.
TS914
TS914A
10
5
12
7
mV
DVio
Input Offset Voltage Drift
5
µV/oC
Iio
Input Offset Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
100
200
pA
Iib
Input Bias Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
150
300
pA
ICC
Supply Current (per amplifier, AVCL = 1, no load)
Tmin.
≤ Tamb ≤ Tmax.
200
300
400
µA
CMR
Common Mode Rejection Ratio
Vic = 0 to 3V, Vo = 1.5V
70
dB
SVR
Supply Voltage Rejection Ratio (VCC
+ = 2.7 to 3.3V, VO =VCC /2)
40
70
dB
Avd
Large Signal Voltage Gain (RL = 10k
Ω,VO = 1.2V to 1.8V)
Tmin.
≤ Tamb ≤ Tmax.
3
2
10
V/mV
VOH
High Level Output Voltage (Vid = 1V)
RL = 10k
RL = 600
RL = 100
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
RL = 600
2.9
2.3
2.8
2.1
2.96
2.6
2
V
VOL
Low Level Output Voltage (Vid = -1V)
RL = 10k
RL = 600
RL = 100
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
RL = 600
50
300
900
100
400
150
600
mV
Io
Output Short Circuit Current (Vid =
±1V)
Source
(Vo =VCC
)
Sink
(Vo =VCC
+)
40
40
mA
GBP
Gain Bandwidth Product
(AVCL = 100, RL = 10k
Ω,CL = 100pF, f = 100kHz)
0.8
MHz
SR
+
Positive Slew Rate
AVCL =1, RL = 10k
Ω,Vi =1.3V to 1.7V, CL = 100pF
0.5
V/
µs
SR
-
Negative Slew Rate
0.4
V/
µs
∅m
Phase Margin
30
Degrees
en
Equivalent Input Noise Voltage (Rs = 100
Ω, f = 1kHz)
30
nV
√
Hz
VO1/VO2
Channel Separation (f = 1kHz)
120
dB
Note 1 : Maximum values including unavoidable inaccuracies of the industrial test.
TS914
3/13


Similar Part No. - TS914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914AID STMICROELECTRONICS-TS914AID Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914AID STMICROELECTRONICS-TS914AID Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
TS914AIDT STMICROELECTRONICS-TS914AIDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
TS914AIN STMICROELECTRONICS-TS914AIN Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914AIYD STMICROELECTRONICS-TS914AIYD Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results

Similar Description - TS914

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com