Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5HSR14G-A-25.000-X Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 5HSR14G-A-25.000-X
Description  14 pin Dual-in-line Sine Wave Clock Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

5HSR14G-A-25.000-X Datasheet(HTML) 1 Page - EUROQUARTZ limited

  5HSR14G-A-25.000-X Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
14 pin Dual-in-line Sine Wave Clock Oscillators
HS14 sine wave clock oscillators provide a true sine wave out output
while being packaged in the industry-standard, 14 pin DIL outline
package. The oscillator is capable of being produced with close
tolerances and exhibits low current consumption.
Sine Wave output in industry-standard 14 DIL package
Choice of output loads
Harmonics -25dBc maximum
Very low current consumption <1.0mA for HSR14
FEATURES
OUTLINE & DIMENSIONS
Frequency Range
HS14 at 3.3 Volts:
10.0MHz to 800.0MHz
HS14 at 5.0 Volts:
10MHz to 156.0 MHz
HSR14:
10MHz to 30MHz
Input Voltage
HS14:
+3.3V or +5.0VDC ±5%
HSR14:
+2.8V, +3.3V or +5.0VDC ±5%
Output Wave Form:
True sine wave
Frequency Stability
0~70°C:
±25ppm, ±50ppm or ±100ppm*
-40 ~+85°C:
±25ppm, ±50ppm or ±100ppm*
Output Level
HS14:
0dBm into 50 Ohms <5dBM available
HSR14
10k //10pF load, level 1.0V p-p
Harmonics:
-25dBc maximum
Phase Noise:
-130 dBC/Hz at 1kHz offset
Current Consumption:
See table
Start-up Time:
2.0ms typical
Storage Temperature:
-55° to +125°C
Sub-Harmonics:
None
Ageing:±5ppm/year
Enable/Disable Option:
Output is high impedance when pad 1
is taken LOW.
Disable time:
150ns maximum
(Add 'T' to the part number code for
this option.)
RoHS Status:
Compliant and Non-compliant
versions are available.
SPECIFICATION
* Non-standard frequency stability is available, check with sales.
Example:
3HSR14G-B-T-25.000-X
PART NUMBERING
Supply Voltage
28 = 2.8 Volts
3 = 3.3 Volts
5 = 5.0 Volts
Series Designation
HS14
HSR14
RoHS
G = Compliant
Blank = Non-compliant
Stability
A = ±25ppm 0° to +70°C
B = ±50ppm 0° to +70°C
C = ±100ppm 0° to +70°C
D = ±25ppm -40° to +85°C
E = ±50ppm -40° to +85°C
F = ±100ppm -40° to +85°C
Enable/Disable
T = implemented
Blank = not-implemented
Frequency (MHz)
Customer-Specific Code
(Included if specified by
engineering department.)
HS14 and HSR14 Sine Wave Oscillators
DESCRIPTION
Type/Frequency
Supply Voltage (±5%)
HS14
10MHz
HS14
100MHz
HS14
150MHz
HSR14 10MHz
+2.8
+3.3V
+5.0V
-
9mA
18mA
-
18mA
34mA
-
19mA
36mA
1.0mA
1.1mA
1.2mA
CURRENT CONSUMPTION


Similar Part No. - 5HSR14G-A-25.000-X

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
5HSR53-A-25.000-X EUROQUARTZ-5HSR53-A-25.000-X Datasheet
110Kb / 1P
   5 x 3.2mm SMD Sine Wave Clock Oscillator
5HSR53-A-T-25.000-X EUROQUARTZ-5HSR53-A-T-25.000-X Datasheet
110Kb / 1P
   5 x 3.2mm SMD Sine Wave Clock Oscillator
5HSR53-B-25.000-X EUROQUARTZ-5HSR53-B-25.000-X Datasheet
110Kb / 1P
   5 x 3.2mm SMD Sine Wave Clock Oscillator
5HSR53-B-T-25.000-X EUROQUARTZ-5HSR53-B-T-25.000-X Datasheet
110Kb / 1P
   5 x 3.2mm SMD Sine Wave Clock Oscillator
5HSR53-C-25.000-X EUROQUARTZ-5HSR53-C-25.000-X Datasheet
110Kb / 1P
   5 x 3.2mm SMD Sine Wave Clock Oscillator
More results

Similar Description - 5HSR14G-A-25.000-X

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GSR14 EUROQUARTZ-GSR14 Datasheet
88Kb / 1P
   14 pin Dual-in-Line Sine Wave VCXO
HSR8 EUROQUARTZ-HSR8 Datasheet
86Kb / 1P
   8 pin Dual-in-line Sine Wave Clock Oscillator
EQXOP-1000 EUROQUARTZ-EQXOP-1000 Datasheet
84Kb / 1P
   14 pin Dual-in-Line Programmable Oscillators
GSR8 EUROQUARTZ-GSR8 Datasheet
88Kb / 1P
   8 pin Dual-in-Line Sine Wave VCXO
GS14 EUROQUARTZ-GS14 Datasheet
90Kb / 1P
   14 pin Dual-inLine Sine Wave VCXO
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
   Sine Wave Oscillators
logo
EUROQUARTZ limited
EQXO-1000 EUROQUARTZ-EQXO-1000 Datasheet
104Kb / 1P
   14 pin Dual-in-Line Clock Ocillators
EQHM14 EUROQUARTZ-EQHM14 Datasheet
350Kb / 2P
   14 pin Dual-in-Line Spread Spectrum Clock Ocillator
EQXO-1000GW EUROQUARTZ-EQXO-1000GW Datasheet
108Kb / 1P
   14 pin Dual-in-Line Gull-Wing Clock Ocillators
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com