Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9597 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9597
Description  Low-Power Audio/Video Interface for Single SCART Connectors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9597 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9597 Datasheet HTML 1Page - Maxim Integrated Products MAX9597 Datasheet HTML 2Page - Maxim Integrated Products MAX9597 Datasheet HTML 3Page - Maxim Integrated Products MAX9597 Datasheet HTML 4Page - Maxim Integrated Products MAX9597 Datasheet HTML 5Page - Maxim Integrated Products MAX9597 Datasheet HTML 6Page - Maxim Integrated Products MAX9597 Datasheet HTML 7Page - Maxim Integrated Products MAX9597 Datasheet HTML 8Page - Maxim Integrated Products MAX9597 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Low-Power Audio/Video Interface
for Single SCART Connectors
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VVID = VAUD = 3.3V, V12 = 12V, GND = EP = 0, no load, TA = 0°C to +70°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Video Supply Voltage Range
VVID
Inferred from video PSRR test at 3.0V and
3.6V
3.0
3.3
3.6
V
Audio Supply Voltage Range
VAUD
Inferred from audio PSRR tests at 3.0V and
3.6V
3.0
3.3
3.6
V
Slow-Switching Supply Voltage
Range
V12
Inferred from slow-switching levels
11.4
12
12.6
V
Normal operation, all video output
amplifiers are enabled
13
20
mA
VVID Quiescent Supply Current
IVID_Q
Shutdown
1
10
μA
Normal operation
3
4.1
mA
VAUD Quiescent Supply Current
IAUD_Q
Shutdown
0.01
10
μA
Normal operation
1.5
100
V12 Quiescent Supply Current
I12_Q
Shutdown
0.1
10
μA
VIDEO CHARACTERISTICS
DC-COUPLED INPUT
VVID = 3V
1.15
VVID = 3.135V
1.2
Input Voltage Range
VIN
RL = 75
Ω to GND or
150
Ω to VVID/2,
inferred from gain test
VVID = 3.3V
1.3
VP-P
Input Current
IIN
VIN = GND
2
3
μA
Input Resistance
RIN
300
k
Ω
AC-COUPLED INPUT
Sync-Tip Clamp Level
VCLP
Sync-tip clamp
-5
0
6.1
mV
Sync Crush
Sync-tip clamp; percentage reduction in
sync pulse (0.3VP-P); guaranteed by input
clamping current measurement
2%
Input Clamping Current
Sync-tip clamp
2
3
μA
ABSOLUTE MAXIMUM RATINGS
(All voltages referenced to GND, unless otherwise noted.)
VVID ..........................................................................-0.3V to +4V
V12 to EP ................................................................-0.3V to +14V
VAUD to EP ...............................................................-0.3V to +4V
EP to GND .............................................................-0.1V to +0.1V
All Video Inputs .......................................................-0.3V to +4V
All Audio Inputs to EP .............................(VEP - 1)V to (VEP + 1)V
SDA, SCL, DEV_ADDR ............................................-0.3V to +4V
TV_SS_OUT .................................................-0.3V to (V12 + 0.3V)
Current
All Video/Audio Inputs ..................................................±20mA
C1P, C1N, CPVSS ........................................................±50mA
Output Short-Circuit Current Duration
All Video Outputs, TV_FS_OUT to VVID, GND........Continuous
Audio Outputs to VAUD, EP ....................................Continuous
TV_SS_OUT to V12, EP...........................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN
(derate 21.3mW/°C above +70°C) ...........................1702mW
Operating Temperature Range ..............................0°C to +70°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C


Similar Part No. - MAX9597

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
MAX9597EVKIT++ MAXIM-MAX9597EVKIT+ Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
More results

Similar Description - MAX9597

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
MAX9655 MAXIM-MAX9655 Datasheet
290Kb / 17P
   Low-Power Video Switches for Dual SCART Connectors
Rev 2; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com