Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9656AEP+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9656AEP+
Description  Low-Power Video Switches for Dual SCART Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9656AEP+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9656AEP+ Datasheet HTML 1Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 2Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 3Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 4Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 5Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 6Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 7Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 8Page - Maxim Integrated Products MAX9656AEP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Low-Power Video Switches
for Dual SCART Connectors
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V, VGND = 0, VSHDN = VDD, RL = 150Ω to GND, TA = +25°C.)
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 50mVP-P
NOTE: GAIN IS NORMALIZED TO 0dB
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 50mVP-P
NOTE: GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-100
-80
-60
-40
-20
0
-120
100k
100M
ALL-HOSTILE
1 ADJACENT CHANNEL
2 ADJACENT CHANNELS
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO GROUP DELAY DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
10
20
30
40
50
60
70
80
90
100
110
120
0
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB


Similar Part No. - MAX9656AEP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX965-MAX970 MAXIM-MAX965-MAX970 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9650 MAXIM-MAX9650 Datasheet
329Kb / 12P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 2; 5/09
MAX9650 MAXIM-MAX9650 Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
MAX9650 MAXIM-MAX9650 Datasheet
673Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 4; 7/10
More results

Similar Description - MAX9656AEP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
   Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com