Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9700 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9700
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9700_08 Datasheet HTML 4Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 5Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 6Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 7Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 8Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 9Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 10Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 11Page - Maxim Integrated Products MAX9700_08 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
8
_______________________________________________________________________________________
Detailed Description
The MAX9700 filterless, class D audio power amplifier
features several improvements to switch-mode amplifier
technology. The MAX9700 offers class AB performance
with class D efficiency, while occupying minimal board
space. A unique filterless modulation scheme, synchro-
nizable switching frequency, and SSM mode create a
compact, flexible, low-noise, efficient audio power
amplifier. The differential input architecture reduces
common-mode noise pickup, and can be used without
input-coupling capacitors. The device can also be con-
figured as a single-ended input amplifier.
Comparators monitor the MAX9700 inputs and com-
pare the complementary input voltages to the sawtooth
waveform. The comparators trip when the input magni-
tude of the sawtooth exceeds their corresponding input
voltage. Both comparators reset at a fixed time after the
rising edge of the second comparator trip point, gener-
ating a minimum-width pulse tON(MIN) at the output of
the second comparator (Figure 1). As the input voltage
increases or decreases, the duration of the pulse at one
output increases (the first comparator to trip) while the
other output pulse duration remains at tON(MIN). This
causes the net voltage across the speaker (VOUT+ -
VOUT-) to change.
Operating Modes
Fixed-Frequency Modulation (FFM) Mode
The MAX9700 features two FFM modes. The FFM modes
are selected by setting SYNC = GND for a 1.1MHz
switching frequency, and SYNC = UNCONNECTED for a
1.45MHz switching frequency. In FFM mode, the fre-
quency spectrum of the class D output consists of the
fundamental switching frequency and its associated
harmonics (see the Wideband FFT graph in the
Typical
Operating Characteristics). The MAX9700 allows the
switching frequency to be changed by +32%, should
the frequency of one or more of the harmonics fall in a
sensitive band. This can be done at any time and does
not affect audio reproduction.
Spread-Spectrum Modulation (SSM) Mode
The MAX9700 features a unique, patented spread-spec-
trum mode that flattens the wideband spectral compo-
nents, improving EMI emissions that may be radiated by
the speaker and cables by 5dB. Proprietary techniques
ensure that the cycle-to-cycle variation of the switching
period does not degrade audio reproduction or efficien-
cy (see the
Typical Operating Characteristics). Select
SSM mode by setting SYNC = VDD. In SSM mode, the
switching frequency varies randomly by
±120kHz
around the center frequency (1.22MHz). The modulation
Pin Description
PIN
BUMP
TDFN/µMAX
UCSP
NAME
FUNCTION
1A1
VDD
Analog Power Supply. Connect to an external power supply. Bypass to GND with a
1µF capacitor.
2
B1
IN+
Noninverting Audio Input
3
C1
IN-
Inverting Audio Input
4
C2
GND
Analog Ground
5B2
SHDN
Active-Low Shutdown Input. Connect to VDD for normal operation.
6
A3
SYNC
Frequency Select and External Clock Input.
SYNC = GND: Fixed-frequency mode with fS = 1100kHz.
SYNC = Unconnected: Fixed-frequency mode with fS = 1450kHz.
SYNC = VDD: Spread-spectrum mode with fS = 1220kHz
±120kHz.
SYNC = Clocked: Fixed-frequency mode with fS = external clock frequency.
7
B3
PGND
Power Ground
8
A4
OUT+
Amplifier-Output Positive Phase
9
C4
OUT-
Amplifier-Output Negative Phase
10
B4
PVDD
H-Bridge Power Supply. Connect to VDD.
——
EP
Exposed Pad. Internallly connected to GND. Connect to a large ground plane to
maximize thermal performance. Not intended as an electrical connection point.
(TDFN package only.)


Similar Part No. - MAX9700_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000EVKIT MAXIM-MAX97000EVKIT Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000EVKIT++ MAXIM-MAX97000EVKIT+ Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
More results

Similar Description - MAX9700_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com