Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9768 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9768
Description  10W Mono Class D Speaker Amplifier with Volume Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9768 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9768_08 Datasheet HTML 6Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 7Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 8Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 9Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 10Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 11Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 12Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 13Page - Maxim Integrated Products MAX9768_08 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10W Mono Class D Speaker
Amplifier with Volume Control
10
______________________________________________________________________________________
WIDEBAND OUTPUT SPECTRUM
(SPREAD-SPECTRUM MODULATION MODE)
FREQUENCY (MHz)
1000
10
100
-90
-100
-80
-70
-30
-40
-50
-60
0
-10
-20
1
RBW = 10kHz
INPUT AC GROUNDED
PWM MODE
TURN-ON/OFF RESPONSE
(MAX9768)
MAX9768 toc32
100ms/div
SHDN
2V/div
OUT
500mA/div
TURN-ON/OFF RESPONSE
(MAX9768B)
MAX9768 toc33
40ms/div
SHDN
2V/div
OUT
500mA/div
VOLUME CONTROL LEVEL
vs. VOLUME CONTROL VOLTAGE
VVOL (V)
3.5
2.0
1.5
1.0
0.5
3.0
2.5
-100
-80
-60
-20
-40
20
0
-120
0
SUPPLY CURRENT (PVDD)
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
10
8
612
0.5
1.0
1.5
3.0
2.0
2.5
4.0
3.5
0
4
PWM MODE
RL =
FILTERLESS MODULATION
SUPPLY CURRENT (VDD)
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.6
3.2
3.0
2.8
3.4
7
9
13
11
15
5
2.6
PWM MODE
FILTERLESS MODULATION
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
10
8
612
0.35
0.45
0.40
0.50
0.30
4
SHUTDOWN CURRENT = IPVDD + IDD
VDD = 3.3V
Typical Operating Characteristics (continued)
(VPVDD = 12V, VDD = 3.3V, VGND = VPGND = 0, VMUTE = 0; 0dB volume setting; all speaker load resistors connected between OUT+
and OUT-, RL = 8
Ω, unless otherwise noted. CBIAS = 2.2µF, C1 = C2 = 0.1µF, CIN = 0.47µF, RIN = 20kΩ, RFB = 30kΩ, spread-spec-
trum modulation mode.)


Similar Part No. - MAX9768_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768B MAXIM-MAX9768B Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768BETG MAXIM-MAX9768BETG Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768BETG++ MAXIM-MAX9768BETG+ Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768BETG/V++ MAXIM-MAX9768BETG/V+ Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768ETG MAXIM-MAX9768ETG Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
More results

Similar Description - MAX9768_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
   20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
   20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
   10W AMPLIFIER WITH DC VOLUME CONTROL
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com