Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5207CVM166 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCF5207CVM166
Description  MCF5208 ColdFire짰 Microprocessor Data Sheet
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5207CVM166 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF5207CVM166 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5207CVM166 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Signal Descriptions
MCF5208 ColdFire® Microprocessor Data Sheet, Rev. 2
Freescale Semiconductor
7
ALLPST
O
EVDD
67
73
Test
TEST7
I
EVDD
109
——
C12
PLL_TEST
I
EVDD
——
M13
Power Supplies
EVDD
1, 33, 63, 66,
72, 81, 87,
125
E5–E6, F5,
G8–G9,
H7–H8
2, 9, 69, 72,
80, 89, 95,
131
E5–E7, F5,
F6, G5, H10,
J9, J10,
K8–K10,
K13, M9
IVDD
30, 68, 84,
113, 143
D4, D8, H4,
H11, J9
36, 74, 92,
121, 159
J12, D4,
D11, H11,
L4, L11,
PLL_VDD
86
H12
94
H13
SD_VDD
3, 17, 35, 61,
89, 110, 123
E7–E8, F8,
G5, H5–H6,
J3
11, 39, 41,
67, 97, 118,
129
E8–E10, F9,
F10, G10,
H5, J5, J6,
K5–K7, L2
VSS
2, 16, 36, 62,
65, 73, 88,
111, 124
D10, F6–F7,
G6–G7
1, 10, 42, 68,
71, 81, 96,
117, 119,
130
A1, A14,
F7–F8,
G6–G9,
H6–H9,
J7–J8, L13,
M2, N9, P1,
P14
PLL_VSS
85
—93
H12
NOTES:
1
Refers to pin’s primary function.
2
Pull-up enabled internally on this signal for this mode.
3
The SDRAM functions of these signals are not programmable by the user. They are dynamically switched by the processor when
accessing SDRAM memory space and are included here for completeness.
4
Primary functionality selected by asserting the DRAMSEL signal (SDR mode). Alternate functionality selected by negating the
DRAMSEL signal (DDR mode). The GPIO module is not responsible for assigning these pins.
5
GPIO functionality is determined by the edge port module. The GPIO module is only responsible for assigning the alternate functions.
6
If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO module is not responsible for assigning
these pins.
7
Pull-down enabled internally on this signal for this mode.
Table 3. MCF5207/8 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1
Alternate 2
MCF5207
144
LQFP
MCF5207
144
MAPBGA
MCF5208
160
QFP
MCF5208
196
MAPBGA


Similar Part No. - MCF5207CVM166

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5207CVM166 FREESCALE-MCF5207CVM166 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5207CVM166 FREESCALE-MCF5207CVM166 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5207CVM166 FREESCALE-MCF5207CVM166 Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
More results

Similar Description - MCF5207CVM166

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com