Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9892ELT+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9892ELT+
Description  Shunt Mode Audio Click-and-Pop Eliminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9892ELT+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9892ELT+ Datasheet HTML 1Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 2Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 3Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 4Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 5Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 6Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 7Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 8Page - Maxim Integrated Products MAX9892ELT+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Detailed Description
The MAX9892 is the second-generation click-and-pop
eliminator designed to be used with conventional head-
phone amplifiers. The MAX9892 works by adding a low-
impedance current path from the headphone side of
the DC-blocking capacitor to ground. Drive MUTE low
when turning off the amplifier, and high when enabling
the amplifier. A short turn-on time allows the switches in
the MAX9892 to close before the DC-blocking capaci-
tors have significantly discharged, eliminating clicks
and pops at amplifier turn-off. An adjustable turn-off
time allows the delay to be set to mask all clicks and
pops during amplifier turn-on.
Setting the Turn-Off Time
The MAX9892 features a SET input that allows the turn-
off time to be adjusted from 1ms to 1000ms to match
the click-and-pop profile of the amplifier startup. The
value of an external capacitor sets the switch open
delay, as shown in the following equation:
tON (ms) = 0.02 x CSET (pF)
When the headphone amplifier is enabled, the
MAX9892 automatically waits the set delay time before
opening the analog switches. This allows amplifier turn-
on click and pop to be eliminated.
Applications Information
Setting the Supply Voltage
The MAX9892 operates from 1.7V to 3.6V supply volt-
age. The inputs, INL and INR, accept voltage swings
from VDD to VDD - 5.5V. The audio signal applied to a
headphone is ground biased, meaning that the signal
swings just as much negative as positive. Since the
MAX9892 input voltage is limited to VDD - 5.5V on the
negative side, the voltage on VDD must be set properly
to pass the audio signal when the switch is open
(Figure 2).
A voltage-divider can be used to scale down an avail-
able supply voltage as shown in Figure 3. The voltage-
divider allows the creation of a supply voltage for the
MAX9892 that is low enough to allow the negative por-
tion of the audio signal to pass. When using large resis-
tances for the voltage-divider, the supply current
affects what resistors to use. Select R2 between 10kΩ
to 1M
Ω for a given supply voltage. Use the following
equation to calculate the R1:
where VAMP is the supply voltage of the amplifier, and
I2 is the current through R2. For a signal of ±2V in refer-
ence to GND, the MAX9892 supply can be set from 2V
to 3.5V.
Selecting Series Resistors
A series resistor (RSERIES), as shown in the Typical
Operating Circuit, is necessary to achieve optimal click-
and-pop reduction. See the Click and Pop vs. RSERIES
graph in the
Typical Operating Characteristics for
details on how much click-and-pop reduction to expect
for a given series resistor.
Layout Considerations
Bypass VDD to GND with a 0.1µF capacitor. The 0.1µF
bypass capacitor should be positioned as close as
possible to VDD. Minimize trace length from GND to
solid system ground plane to ensure optimum perfor-
mance.
Refer to the MAX9892 Evaluation Kit for a proven PCB
layout.
R
VV
II
AMP
DD
DD
1
2
=
+
()
Shunt Mode Audio Click-and-Pop Eliminator
_______________________________________________________________________________________
5
IN_
VDD - 5.5V
GND
VDD
IN_
GND
VDD
A
B
VDD - 5.5V
Figure 2. Proper Supply Selected for a Given Input Signal.
A: Supply Voltage with a Large Signal;
B: Supply Voltage with a Small Signal


Similar Part No. - MAX9892ELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892ELT++ MAXIM-MAX9892ELT+ Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
More results

Similar Description - MAX9892ELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Intersil Corporation
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
MAX14504 MAXIM-MAX14504 Datasheet
190Kb / 12P
   Internal Shunt Switches Reduce Click/Pop
Rev 1; 12/08
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com