Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF54450VM180 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCF54450VM180
Description  MCF5445x ColdFire짰 Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF54450VM180 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF54450VM180 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF54450VM180 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Ordering Information
MCF5445x ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
5
2
Ordering Information
3
Hardware Design Considerations
3.1
Analog Power Filtering
To further enhance noise isolation, an external filter is strongly recommended for the analog VDD pins (VDD_A_PLL,
VDD_RTC). The filter shown in Figure 2 should be connected between the board IVDD and the analog pins. The resistor and
capacitors should be placed as close to the dedicated analog VDD pin as possible. The 10-Ω resistor in the given filter is required.
Do not implement the filter circuit using only capacitors. The analog power pins draw very little current. Concerns regarding
voltage loss across the 10-ohm resistor are not valid.
Figure 2. System Analog VDD Power Filter
Table 2. Orderable Part Numbers
Freescale Part
Number
Description
Package
Speed
Temperature
MCF54450VM180
MCF54450 Microprocessor
256 MAPBGA
180 MHz
0
° to +70° C
MCF54450VM240
240 MHz
MCF54451CVM180
MCF54451 Microprocessor
180 MHz
–40
° to +85° C
MCF54451VM240
240 MHz
0
° to +70° C
MCF54452CVR200
MCF54452 Microprocessor
360 TEPBGA
200 MHz
–40
° to +85° C
MCF54452VR266
266 MHz
0
° to +70° C
MCF54453CVR200
MCF54453 Microprocessor
200 MHz
–40
° to +85° C
MCF54453VR266
266 MHz
0
° to +70° C
MCF54454CVR200
MCF54454 Microprocessor
200 MHz
–40
° to +85° C
MCF54454VR266
266 MHz
0
° to +70° C
MCF54455CVR200
MCF54455 Microprocessor
200 MHz
–40
° to +85° C
MCF54455VR266
266 MHz
0
° to +70° C
Board IVDD
10
Ω
0.1 µF
Analog VDD Pin
10 µF
GND


Similar Part No. - MCF54450VM180

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF54450VM180 FREESCALE-MCF54450VM180 Datasheet
930Kb / 46P
   Microprocessor
More results

Similar Description - MCF54450VM180

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
logo
Freescale Semiconductor...
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC_08 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com