Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11041 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11041_08 Datasheet HTML 7Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 8Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 9Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 10Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 11Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 12Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 13Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 14Page - Maxim Integrated Products MAX11041_08 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Wired Remote Controllers
___________________________________________________________________________________
11
*
Values outside FIFO resistor code are considered invalid.
FIFO RESISTOR CODE*
KEY
STANDARD 1%
RESISTOR VALUE (
Ω)
LOWEST
HIGHEST
FUNCTION
0
0
0
1
Function 0
1
1470
11
13
Function 1
2
2550
19
21
Function 2
3
3740
27
30
Function 3
4
4990
35
38
Function 4
5
6340
42
46
Function 5
6
7680
50
53
Function 6
7
9310
58
62
Function 7
8
11000
66
70
Function 8
9
13000
74
78
Function 9
10
15000
82
86
Function 10
11
17400
90
94
Function 11
12
20000
98
102
Function 12
13
22600
105
110
Function 13
14
26100
114
119
Function 14
15
30100
123
127
Function 15
16
34000
130
135
Function 16
17
38300
137
142
Function 17
18
44200
146
150
Function 18
19
51100
154
159
Function 19
20
59000
162
166
Function 20
21
68100
170
174
Function 21
22
80600
178
182
Function 22
23
95300
186
190
Function 23
24
118000
194
198
Function 24
25
147000
202
206
Function 25
26
191000
211
214
Function 26
27
261000
218
222
Function 27
28
402000
226
229
Function 28
29
825000
235
237
Function 29
Jack inserted
619000
243
245
Jack inserted
Jack removed
254
255
Jack removed
Table 4. Required Resistor Set for the MAX11041


Similar Part No. - MAX11041_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041ETC MAXIM-MAX11041ETC Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
MAX11041ETC++ MAXIM-MAX11041ETC+ Datasheet
310Kb / 19P
   Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
More results

Similar Description - MAX11041_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
   Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
   INFRARED REMOTE CONTROLLERS
logo
Sanyo Semicon Device
LB1475M SANYO-LB1475M Datasheet
99Kb / 4P
   2-Wire Type Wired Remote Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
   Wired RGB Controller
logo
Global Mixed-mode Techn...
G7951 GMT-G7951 Datasheet
35Kb / 2P
   Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
PHOENIX CONTACT
2730239 PHOENIX-2730239 Datasheet
53Kb / 3P
   Fan module for Remote Field Controllers RFC 430 ETH-IB / RFC 450 ETH-IB
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
   Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com