Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11014 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11014
Description  Automatic RF MESFET Amplifier Drain-Current Controllers
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11014 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11014 Datasheet HTML 4Page - Maxim Integrated Products MAX11014 Datasheet HTML 5Page - Maxim Integrated Products MAX11014 Datasheet HTML 6Page - Maxim Integrated Products MAX11014 Datasheet HTML 7Page - Maxim Integrated Products MAX11014 Datasheet HTML 8Page - Maxim Integrated Products MAX11014 Datasheet HTML 9Page - Maxim Integrated Products MAX11014 Datasheet HTML 10Page - Maxim Integrated Products MAX11014 Datasheet HTML 11Page - Maxim Integrated Products MAX11014 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Automatic RF MESFET Amplifier
Drain-Current Controllers
8
_______________________________________________________________________________________
MISCELLANEOUS TIMING CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Time to Wait After a
Write Command Before
Reading Back Data from the
Same Location
tRDBK
(Note 16)
1
µs
CNVST Active-Low Pulse
Width in ADC Clock Mode 01
tCNV01
(Note 3)
20
ns
CNVST Active-Low Pulse
Width in ADC Clock Mode 11
to Initiate a Temperature
Conversion
tCNV11
(Note 3)
20
ns
CNVST Active-Low Pulse
Width in ADC Clock Mode 11
for ADCIN1/2 Acquisition
tACQ11A
(Note 3)
1.5
µs
ADC Power-Up Time (External
Reference)
tAPUEXT
0.8
µs
ADC Power-Up Time (Internal
Reference)
tAPUINT
50
µs
DAC Power-Up Time (External
Reference)
tDPUEXT
2µs
DAC Power-Up Time (Internal
Reference)
tDPUINT
50
µs
Acquisition Time (Internally
Timed in ADC Clock Modes
00 or 01)
tACQ
0.6
µs
Conversion Time (Internally
Clocked)
tCONV
6.5
µs
Delay to Start of Conversion
Time
tCONVW
(Note 17)
1
µs
Temperature Conversion Time
(Internally Clocked)
tCONVT
30
µs


Similar Part No. - MAX11014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
945Kb / 69P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 0; 2/06
MAX11014BGTM MAXIM-MAX11014BGTM Datasheet
945Kb / 69P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 0; 2/06
More results

Similar Description - MAX11014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
945Kb / 69P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 0; 2/06
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
logo
Cree, Inc
CRF24010 CREE-CRF24010 Datasheet
745Kb / 10P
   10 W, SiC RF Power MESFET
CRF24060 CREE-CRF24060 Datasheet
637Kb / 10P
   60 W, SiC RF Power MESFET
CRF24010D CREE-CRF24010D Datasheet
843Kb / 8P
   10 W SiC RF Power MESFET Die
CRF24060D CREE-CRF24060D Datasheet
737Kb / 8P
   60 W SiC RF Power MESFET Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com