Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11508 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11508
Description  Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11508 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11508 Datasheet HTML 1Page - Maxim Integrated Products MAX11508 Datasheet HTML 2Page - Maxim Integrated Products MAX11508 Datasheet HTML 3Page - Maxim Integrated Products MAX11508 Datasheet HTML 4Page - Maxim Integrated Products MAX11508 Datasheet HTML 5Page - Maxim Integrated Products MAX11508 Datasheet HTML 6Page - Maxim Integrated Products MAX11508 Datasheet HTML 7Page - Maxim Integrated Products MAX11508 Datasheet HTML 8Page - Maxim Integrated Products MAX11508 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Cost, 3-Channel, HD/PS/SD/BP
Video Filters with Buffer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, RLOAD = 150Ω to GND, CIN = 0.1µF, TA = 0°C to +85°C, all frequency responses are relative to 100kHz, unless other-
wise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
All Other Pins to GND...................................-0.3V to the lower of
(VCC + 0.3V) and +6V
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 10mW/°C above +70°C) .......796.8mW
Maximum Current into Any Pin Except VCC and GND .....±50mA
Operating Temperature Range…. ..........................0°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Junction Temperature ......................................................+150°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Current
ICC
No load
24
35
mA
Supply Voltage Range
VDD
4.75
5.00
5.25
V
Input Voltage Range
VIN
Referenced to GND if DC-coupled
1.4
V
BIAS = high
1
Power-Down Current
IPD
BIAS = low
15
µA
Digital Input High Voltage
VIH
2.0
V
Digital Input Low Voltage
VIL
0.8
V
STANDARD-DEFINITION VIDEO
MAX11508, TA = +25°C
4.5
7.9
-1dB Bandwidth
f1dB
MAX11509, TA = +25°C
5
8.6
MHz
MAX11508
9.0
-3dB Bandwidth
f3dB
MAX11509
10
MHz
Stopband Attenuation
ASB
f = 27MHz
35
48
dB
Low-Frequency Gain
AV
No load
5.6
6.0
6.6
dB
Differential Gain
dG
All channels
0.7
%
Differential Phase
d
φ
All channels
0.7
Degrees
Total Harmonic Distortion
THD
VOUT = 1.4VP-P, f = 1MHz, all channels
-60
dB
Signal-to-Noise Ratio
SNR
2VP-P signal to RMS noise,
f = 100kHz to 4.2MHz
71
dB
Group Delay
tG
f = 4.5MHz
59
ns
Power-Supply Rejection Ratio
PSRR
DC, all channels
50
dB


Similar Part No. - MAX11508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
MAX11508EVKIT MAXIM-MAX11508EVKIT Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
MAX11508EVKIT++ MAXIM-MAX11508EVKIT+ Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
More results

Similar Description - MAX11508

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
   Audio/video buffer and four-channel SD/PS/HD video filter
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
   Audio/video buffer and 6-channel SD/PS/HD video filter
logo
Maxim Integrated Produc...
MAX11506 MAXIM-MAX11506 Datasheet
159Kb / 10P
   Low-Cost, 6-Channel SD Plus HD/SD Selectable Video Filters and Buffers
Rev 0; 4/08
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Texas Instruments
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com