Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11041ETC+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11041ETC+
Description  Wired Remote Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041ETC+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11041ETC+ Datasheet HTML 1Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 2Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX11041ETC+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +4.0V
INT to GND .................................................-0.3V to (VDD + 0.3V)
SCL, SDA, A1, A0, SHDN to GND.........................-0.3V to +4.0V
FORCE, SENSE to GND.........................................................±6V
Current into Any Pin..........................................................±50mA
Maximum ESD per IEC 61000-4-2
Human Body Model, FORCE, SENSE............................±15kV
FORCE, SENSE Short to GND....................................Continuous
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +1.6V to 3.6V, CSENSE = 10nF, RSENSE = 10kΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
KEY DETECTION CHARACTERISTICS
MAX11041
30
Detectable Keys
Provided the keys meet
the next three
specifications; RJACK
connected; use
recommended circuit
MAX11042
6
Keys
Maximum Switch Resistance
(Note 1)
100
Ω
Maximum Switch Bounce Time
(Note 1)
13
ms
External Resistor Tolerance
(Note 1)
±1
%
SWITCH DEBOUNCE
Debounce Analog Time Constant
CSENSE = 10nF, external resistor from
FORCE to SENSE is 10k
Ω (RSENSE)
0.4
ms
Chatter Rejection
Pulses shorter than this are ignored
18
ms
Rising Voltage Debounce Time
tCPW
Time required for a new voltage (due to
keypress) to be detected and stored in
FIFO
18
ms
Falling Voltage Debounce Time
tLPWS
Time required for detection of key release
and final time duration to be stored in FIFO
18
ms
Jack Insertion Debounce Time
(Note 2)
18
ms
Jack Removal Debounce Time
(Note 2)
18
ms
DURATION COUNTER
Duration-Counter Resolution
One tick
32
ms
Duration-Counter Range
MSB is overflow bit
0
127
Counts
Duration-Counter Accuracy
±20
%
DIGITAL INPUTS (SDA, SCL, SHDN, A0, A1)
Input High Voltage
VIH
0.7 x
VDD
V
Input Low Voltage
VIL
0.3 x
VDD
V
Input Leakage Current
IIH, IIL
-10
+10
µA
Input Hysteresis
9%VDD
Input Capacitance
10
pF
Wired Remote Controllers
2
_______________________________________________________________________________________


Similar Part No. - MAX11041ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041ETC++ MAXIM-MAX11041ETC+ Datasheet
310Kb / 19P
   Wired Remote Controllers
Rev 1; 8/07
More results

Similar Description - MAX11041ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
   Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
   INFRARED REMOTE CONTROLLERS
logo
Sanyo Semicon Device
LB1475M SANYO-LB1475M Datasheet
99Kb / 4P
   2-Wire Type Wired Remote Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
   Wired RGB Controller
logo
Global Mixed-mode Techn...
G7951 GMT-G7951 Datasheet
35Kb / 2P
   Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
PHOENIX CONTACT
2730239 PHOENIX-2730239 Datasheet
53Kb / 3P
   Fan module for Remote Field Controllers RFC 430 ETH-IB / RFC 450 ETH-IB
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
   Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com