Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11015BGTM+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11015BGTM+
Description  Automatic RF MESFET Amplifier Drain-Current Controllers
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11015BGTM+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11015BGTM+ Datasheet HTML 1Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 2Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 3Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 4Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 5Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 6Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 7Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 8Page - Maxim Integrated Products MAX11015BGTM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
Automatic RF MESFET Amplifier
Drain-Current Controllers
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DYNAMIC ACCURACY (1kHz sine-wave input, -0.5dB from full scale, 94.4ksps)
Signal-to-Noise Plus Distortion
SINAD
70
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-84
dB
Spurious-Free Dynamic Range
SFDR
86
dB
Intermodulation Distortion
IMD
fIN1 = 9.9kHz, fIN2 = 10.2kHz
76
dB
Full-Power Bandwidth
-3dB point
1
MHz
Full-Linear Bandwidth
S / (N + D) > 68dB
100
kHz
ADC CONVERSION RATE
External reference
0.8
Power-Up Time
tPU
Internal reference
50
µs
GATE_ and sense voltage measurements
40
Acquisition Time (Note 3)
tACQ
All other measurements
1.5
µs
Conversion Time
tCONV
Internally clocked
6.5
µs
Aperture Delay
30
ns
ADCIN1, ADCIN2 INPUTS
Input Range
VADCIN_
Relative to AGND (Note 7)
0
VREFADC
V
Input Leakage Current
VADCIN_ = 0V or VAVDD
±0.01
±1
µA
Input Capacitance
CADCIN_
34
pF
TEMPERATURE MEASUREMENTS
TJ = +25°C
±0.25
TJ = -40°C to +85°C (Note 3)
±1.0
±2.5
Internal Sensor Measurement
Error
TJ = -40°C to +105°C (Note 3)
±1.0
±3.5
°C
TJ = +25°C
±1.0
External Sensor Measurement
Error (Note 8)
TJ = -40°C to +105°C
±3
°C
Temperature Resolution
0.125
°C/LSB
External Diode Drive
3.26
75.00
µA
External Temperature Sensor
Drive Current Ratio
16.6
INTERNAL REFERENCE
Reference Output Voltage
VREFADC = VREFDAC, TJ = +25°C
+2.490
+2.500
+2.510
V
Reference Output Temperature
Coefficient
±15
ppm/
oC
Reference Output Impedance
6.5
k
Power-Supply Rejection Ratio
PSRR
VAVDD = +5V ±5%
-83
dB
ELECTRICAL CHARACTERISTICS (continued)
(VGATEVSS = VAVSS = -5.5V to -4.75V, VAVDD = +4.75V to +5.25V, VDVDD = +2.7V to VAVDD, external VREFADC = +2.5V, external
VREFDAC = +2.5V, CREFADC = CREFDAC = 0.1µF, VOPSAFE1 = VOPSAFE2 = 0, VRCS1+ = VRCS2+ = +5V, CFILT1 = CFILT3 = 1nF, CFILT2 =
CFILT4 = 1nF, VAGND = VDGND = 0, VADCIN0 = VADCIN1 = 0, VACLAMP1 = VACLAMP2 = -5V, TJ = TMIN to TMAX, unless otherwise noted.
All typical values are at TJ = +25°C.)


Similar Part No. - MAX11015BGTM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11015BGTM MAXIM-MAX11015BGTM Datasheet
945Kb / 69P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 0; 2/06
More results

Similar Description - MAX11015BGTM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
945Kb / 69P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 0; 2/06
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
logo
Cree, Inc
CRF24010 CREE-CRF24010 Datasheet
745Kb / 10P
   10 W, SiC RF Power MESFET
CRF24060 CREE-CRF24060 Datasheet
637Kb / 10P
   60 W, SiC RF Power MESFET
CRF24010D CREE-CRF24010D Datasheet
843Kb / 8P
   10 W SiC RF Power MESFET Die
CRF24060D CREE-CRF24060D Datasheet
737Kb / 8P
   60 W SiC RF Power MESFET Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com